Electronic Components Datasheet Search
  English  ▼

X  

PCA8537 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCA8537
Description  Automotive LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8537 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCA8537 Datasheet HTML 32Page - NXP Semiconductors PCA8537 Datasheet HTML 33Page - NXP Semiconductors PCA8537 Datasheet HTML 34Page - NXP Semiconductors PCA8537 Datasheet HTML 35Page - NXP Semiconductors PCA8537 Datasheet HTML 36Page - NXP Semiconductors PCA8537 Datasheet HTML 37Page - NXP Semiconductors PCA8537 Datasheet HTML 38Page - NXP Semiconductors PCA8537 Datasheet HTML 39Page - NXP Semiconductors PCA8537 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 82 page
background image
PCA8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
36 of 82
NXP Semiconductors
PCA8537
Automotive LCD driver for multiplex rates up to 1:8
Vstate1(t) = VSn(t)  VBP0(t).
Vstate2(t) = VSn(t)  VBP1(t).
Von(RMS)(t) = 0.745VLCD.
Voff(RMS)(t) = 0.333VLCD.
Fig 26. Waveforms for the 1:2 multiplex drive mode with 1⁄3 bias (line inversion mode)
013aaa209
state 1
BP0
(a) Waveforms at driver.
(b) Resultant waveforms
at LCD segment.
LCD segments
state 2
BP1
state 1
state 2
VSS
VLCD
2VLCD/3
VLCD/3
VSS
VLCD
2VLCD/3
VLCD/3
VSS
VLCD
2VLCD/3
VLCD/3
0 V
VLCD
2VLCD/3
−2VLCD/3
VLCD/3
−VLCD/3
−VLCD
−VLCD
0 V
VLCD
2VLCD/3
−2VLCD/3
VLCD/3
−VLCD/3
S
n
S
n+1
Tfr
VSS
VLCD
2VLCD/3
VLCD/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com