Electronic Components Datasheet Search
  English  ▼

X  

PCA85371 Datasheet(PDF) 79 Page - NXP Semiconductors

Part # PCA85371
Description  Automotive LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85371 Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button PCA85371 Datasheet HTML 74Page - NXP Semiconductors PCA85371 Datasheet HTML 75Page - NXP Semiconductors PCA85371 Datasheet HTML 76Page - NXP Semiconductors PCA85371 Datasheet HTML 77Page - NXP Semiconductors PCA85371 Datasheet HTML 78Page - NXP Semiconductors PCA85371 Datasheet HTML 79Page - NXP Semiconductors PCA85371 Datasheet HTML 80Page - NXP Semiconductors PCA85371 Datasheet HTML 81Page - NXP Semiconductors PCA85371 Datasheet HTML 82Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 79 / 82 page
background image
PCA8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
79 of 82
NXP Semiconductors
PCA8537
Automotive LCD driver for multiplex rates up to 1:8
23. Tables
Table 1.
Ordering information . . . . . . . . . . . . . . . . . . . . .2
Table 2.
Marking codes . . . . . . . . . . . . . . . . . . . . . . . . . .2
Table 3.
Pin description of PCA8537AH and
PCA8537BH . . . . . . . . . . . . . . . . . . . . . . . . . . .6
Table 4.
Commands of PCA8537 . . . . . . . . . . . . . . . . . .7
Table 5.
Initialize - initialize command bit description . . .8
Table 6.
OTP-refresh - OTP-refresh command bit
description . . . . . . . . . . . . . . . . . . . . . . . . . . . . .8
Table 7.
Oscillator-ctrl - oscillator control command bit
description . . . . . . . . . . . . . . . . . . . . . . . . . . . . .8
Table 8.
Charge-pump-ctrl - charge pump control
command bit description . . . . . . . . . . . . . . . . . .9
Table 9.
Temp-msr-ctrl - temperature measurement control
command bit description . . . . . . . . . . . . . . . . .10
Table 10. Temp-comp - temperature compensation
coefficients command . . . . . . . . . . . . . . . . . . .10
Table 11. Set-VPR - set VPR command bit description . 11
Table 12. Display-enable - display enable command bit
description . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 13. Set-MUX-mode - set multiplex drive mode
command bit description . . . . . . . . . . . . . . . . .12
Table 14. Set-bias-mode - set bias mode command bit
description . . . . . . . . . . . . . . . . . . . . . . . . . . . .12
Table 15. Load-data-pointer - load data pointer
command
bit description . . . . . . . . . . . . . . . . . . . . . . . . .12
Table 16. Frame frequency - frame frequency and
output clock frequency command bit
description . . . . . . . . . . . . . . . . . . . . . . . . . . . .13
Table 17. Frame frequency values . . . . . . . . . . . . . . . . .13
Table 18. Bank-select - bank select command bit
description . . . . . . . . . . . . . . . . . . . . . . . . . . . .14
Table 19. Write-RAM-data - write RAM data
command bit description . . . . . . . . . . . . . . . . .14
Table 20. Temp-read - temperature readout
command bit description . . . . . . . . . . . . . . . . .15
Table 21. Invmode_ctrl - drive scheme inversion
command bit description . . . . . . . . . . . . . . . . .15
Table 22. Temp-filter - digital temperature filter
command bit description . . . . . . . . . . . . . . . . .16
Table 23. Reset state . . . . . . . . . . . . . . . . . . . . . . . . . . . .17
Table 24. Selection of display configurations . . . . . . . . . .23
Table 25. Temperature measurement update rate . . . . . .28
Table 26. Temperature coefficients. . . . . . . . . . . . . . . . . .30
Table 27. Calculation of the VLCD offset voltage. . . . . . . .31
Table 28. LCD drive modes: summary of characteristics .32
Table 29. Mapping of output pins and corresponding
signals with respect to driving mode. . . . . . . . .42
Table 30. Control byte description . . . . . . . . . . . . . . . . . .52
Table 31. I2C slave address byte . . . . . . . . . . . . . . . . . . .55
Table 32. R/W bit description . . . . . . . . . . . . . . . . . . . . . .55
Table 33. Serial interface . . . . . . . . . . . . . . . . . . . . . . . . .57
Table 34. Subaddress byte definition . . . . . . . . . . . . . . . .57
Table 35. Limiting values . . . . . . . . . . . . . . . . . . . . . . . . .61
Table 36. Static characteristics . . . . . . . . . . . . . . . . . . . .62
Table 37. Dynamic characteristics . . . . . . . . . . . . . . . . . .67
Table 38. Timing characteristics: I2C-bus . . . . . . . . . . . . 68
Table 39. Timing characteristics: SPI-bus . . . . . . . . . . . . 69
Table 40. SnPb eutectic process (from J-STD-020C) . . . 72
Table 41. Lead-free process (from J-STD-020C) . . . . . . 72
Table 42. Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . 74
Table 43. Revision history . . . . . . . . . . . . . . . . . . . . . . . . 76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com