Electronic Components Datasheet Search
  English  ▼

X  

TDA18214 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA18214
Description  Silicon tuner for digital terrestrial and cable TV reception
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18214 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA18214 Datasheet HTML 1Page - NXP Semiconductors TDA18214 Datasheet HTML 2Page - NXP Semiconductors TDA18214 Datasheet HTML 3Page - NXP Semiconductors TDA18214 Datasheet HTML 4Page - NXP Semiconductors TDA18214 Datasheet HTML 5Page - NXP Semiconductors TDA18214 Datasheet HTML 6Page - NXP Semiconductors TDA18214 Datasheet HTML 7Page - NXP Semiconductors TDA18214 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TDA18214_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary short data sheet
Rev. 1. — 13 July 2012
2 of 8
NXP Semiconductors
TDA18214
Silicon tuner for digital terrestrial and cable TV reception
Very fast tuning time
Strong immunity to LTE interferers in the digital dividend bandwidth
Strong immunity to WLAN interferers
3.
Quick reference data
[1]
Test scenario: 129 channels each 75 dB
V.
4.
Ordering information
Table 1.
Quick reference data
Symbol Parameter
Conditions
Min
Typ
Max
Unit
fRF
RF frequency
full range of RF input
42
-
1002
MHz
NFtun
tuner noise figure
75
 impedance source;
maximum gain
LNA Zi = 1 and
RF < 870 MHz
-4.0
4.6
dB
LNA Zi = 1 and
870MHz <RF < 1GHz
-5.4
6
dB
jit
phase jitter
integrated from 250 Hz to
4MHz
-
0.4
0.6
degree
image
image rejection
worst case, measured at
4 MHz IF frequency and for
image levels above
60 dB
V
57.5
63
-
dB
CSO
composite
second-order distortion
worst interferer over RF
frequency with respect to
wanted carrier
[1]
-
60
50
dBc
CTB
composite triple beat
worst interferer over RF
frequency with respect to
wanted carrier for frequency
 550 MHz
[1] --65
60
dBc
worst interferer over RF
frequency with respect to
wanted carrier for frequency
> 550 MHz
[1] --
55
dBc
ICP1dB
1 dB input
compression point
at the tuner input and
minimum gain
120
-
-
dB
V
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TDA18214AHN/C1
HVQFN40 plastic thermal enhanced very thin quad flat
package; no leads; 40 terminals; body
6
 6  0.85 mm
SOT618-6
TDA18214HN/C1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com