Electronic Components Datasheet Search
  English  ▼

X  

209-12LPST Datasheet(PDF) 1 Page - CTS Corporation

Part # 209-12LPST
Description  Through Hole DIP Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

209-12LPST Datasheet(HTML) 1 Page - CTS Corporation

  209-12LPST Datasheet HTML 1Page - CTS Corporation 209-12LPST Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Switch Function
SPST- 2 through 10 and 12 positions
Switch Contact Resistance
Insulation Resistance
1,000 megohms minimum between
insulated terminals
Dielectric Strength
500 VDC for 1 minute between adjacent
switches
Nonswitching Rating
100 mA or 50 VDC maximum
Switch Capacitance
5 pF maximum between adjacent closed switches
Operating Temperature
–40°C to +85°C
Actuation Life
Series 209: 2,000 cycles switching @ 100 mA,
20 VDC or @ .1 mA, 5 VDC (dry circuit)
Series 210: 1,000 cycles switching @ 100 mA,
20 VDC or @ .1 mA, 5 VDC (dry circuit)
Allowable Solder Time
Up to 5 seconds at 260°C
Vibration
Per MIL-STD-202F, method 204D, condition B
(.06" or 15 G’s between 10 HZ to 2K HZ) with no
contact inconsistencies greater than 1 microsecond.
Shock
Per MIL-STD-202F, method 213B, condition A
(50 G’s) with no contact inconsistencies greater
than 1 microsecond.
Sealing
Standard bottom seal
Optional top tape seal
AUTO-DIP® Switch
Automatically
Insertable, Wave
Solderable, Board
Washable DIP Switch
Optimized Mechanical Features
• Fully sealed to withstand insertion shock,
wave solder temperatures, and board washing
• Positive detent separated from contactor
• Compatible with Amistar, DynaPert,
Universal, NETCO assembly and other machines
Optimized Contact System
• Redundant, wiping contact
• Contactor does not deflect during actuation
Materials
• Series 209 - gold plated beryllium copper contacts
• Series 210 - gold flash plated beryllium copper contacts
• High temperature materials (UL94V-0)
Electrical and Mechanical Specifications
Series 209 – Premium AUTO-DIP Switches
Series 210 – Economical AUTO-DIP Switches
Features
• Available low profile, medium and extended height
actuator
• RoHS compliant
1 - 2
CTS Electrocomponents
www.ctscorp.com
Switch Series
Initial, max.
End of life, max.
209
25 milliohms
50 millohms
210
100 milliohms
500 millohms
Packaging
Standard : Anti-Static tube packaging
© 2008 CTS Corporation. All rights reserved. Information subject to change.
12/30/08
®
Electrocomponents
Series 209/210Data Sheet
Data Sheet
Through Hole DIP Switch


Similar Part No. - 209-12LPST

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
209-12LPST CTS-209-12LPST Datasheet
328Kb / 1P
DIP Switches
More results

Similar Description - 209-12LPST

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
206 CTS-206 Datasheet
130Kb / 4P
Multifunctional through hole DIP switches
194 CTS-194 Datasheet
1Mb / 2P
Side Actuated, Through Hole DIP Switches
193 CTS-193 Datasheet
976Kb / 2P
Side Actuated, Through Hole DIP Switches
206-124 CTS-206-124 Datasheet
450Kb / 4P
Through Hole DIP Switch
2083LPST CTS-2083LPST Datasheet
386Kb / 4P
Multifunctional Through Hole DIP Switches
206-221 CTS-206-221 Datasheet
386Kb / 4P
Through Hole DIP Switch
206221 CTS-206221 Datasheet
386Kb / 4P
Multifunctional Through Hole DIP Switches
195-2MS CTS-195-2MS Datasheet
334Kb / 2P
Through Hole DIP Switch
206-121ESTN CTS-206-121ESTN Datasheet
563Kb / 4P
Through Hole DIP Switch
logo
Omron Electronics LLC
A6E-N OMRON-A6E-N Datasheet
234Kb / 3P
Box type Through-hole Mounting DIP Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com