Electronic Components Datasheet Search
  English  ▼

X  

XC9519 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC9519
Description  Dual Output Step-Up/Inverting DC/DC Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9519 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC9519 Datasheet HTML 9Page - Torex Semiconductor XC9519 Datasheet HTML 10Page - Torex Semiconductor XC9519 Datasheet HTML 11Page - Torex Semiconductor XC9519 Datasheet HTML 12Page - Torex Semiconductor XC9519 Datasheet HTML 13Page - Torex Semiconductor XC9519 Datasheet HTML 14Page - Torex Semiconductor XC9519 Datasheet HTML 15Page - Torex Semiconductor XC9519 Datasheet HTML 16Page - Torex Semiconductor XC9519 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
13/38
XC9519
Series
■
EXTERNAL COMPONENTS
<Step-up DC/DC Converter Output Voltage Setting>
The output voltage VOUTP of a step-up DC/DC converter can be set by connecting external dividing resistors RFBP1 and RFBP2.
The output voltage VOUTP is determined by the values of RFBP1 and RFBP2 as given in the equation below.
Adjust RFBP1 and RFBP2 so that (RFBP1 + RFBP2) < 500kΩ.
VOUTP = VFBP × (RFBP1 + RFBP2) / RFBP2
Set the output voltage so that V
OUTP
≧VIN + 0.2V is satisfied.
Adjust the value of the phase compensation speed-up capacitor CFBP so that f
zfp=1 / (2 × π × RFBP1) is about 40kHz, and insert several kΩ in
series as RSP. If a high output voltage is set, inserting a phase compensation speed-up capacitor may cause unstable operation.
Examples of setting CFBP and RSP are shown in the next section, “Step-up DC/DC Converter Error Amplifier External Compensation”.
【
Typical Examples】
VOUTP
RFBP1
RFBP2
4.0V
300kΩ
100kΩ
5.0V
300kΩ
75kΩ
9.0V
240kΩ
30kΩ
12.0V
330kΩ
30kΩ
15.0V
336kΩ
24kΩ
18.0V
408kΩ
24kΩ
<Inverting DC/DC Converter Output Voltage Setting>
The output voltage VOUTN of an inverting DC/DC converter can be set by connecting external dividing resistors RFBN1 and RFBN2.
The output voltage VOUTN is determined by the values of RFBN1 and RFBN2 as given in the equation below.
Adjust RFBN1 and RFBN2 so that (R
FBN1 + RFBN2) < 500kΩ.
VOUTN = - (VREF - VFBN) × RFBN1 / RFBN2
Set the output voltage so that
VIN - VOUTN+ VFN≦20.0V
(VFN : Forward voltage of external diode SBDN) is satisfied.
【
Typical Examples】
VOUTN
RFBN1
RFBN2
-4.0V
300kΩ
75kΩ
-5.0V
300kΩ
60kΩ
-9.0V
270kΩ
30kΩ
-12.0V
360kΩ
30kΩ
-15.0V
360kΩ
24kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com