Electronic Components Datasheet Search
  English  ▼

X  

FDB101S Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # FDB101S
Description  Silicon Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

FDB101S Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  FDB101S Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd FDB101S Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rating to 1000V PRV
Surge overload rating to 30 Amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
94V-O
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
FDB
103S
FDB
104S
FDB
105S
FDB
106S
FDB
107S
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forw ard
Output current
@T
A=25
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
Maximum instantaneous forw ard voltage
at 1.0 A
VF
V
Maximum reverse current
@T
A=25
μA
at rated DC blocking voltage @T
A=100
mA
Operating junction temperature range
TJ
Storage temperature range
TSTG
FDB
101S
FDB
102S
50
100
1.3
1.0
30.0
IFSM
A
10.0
Lead solderable per MIL-STD-202 method 208
IF(AV)
1.0
Lead: silver plated copper, solderde plated
A
- 55 ---- + 150
- 55 ---- + 125
IR
100
70
VOLTAGE RANGE: 50 --- 1000 V
CURRENT:
1.0 A
35
5
0
Plastic material has UL flammability classification
Polarity symbols molded on body
Weight: 0.016 ounces,0.45 grams
Maximum reverse recovery time (Note1)
t rr
150
250
500
ns
NOTE:1. Measured with I
F=0.5A,IR=1A, I
rr=0.25A.
FDB101S-FDB107S
Silicon Bridge Rectifiers
Features
1.2± 0.3
1± 0.1
8.3± 0.1
5± 0.2
6.4± 0.1
7.9± 0.2
10± 0.6
DB-S
Dimensions in millimeters
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - FDB101S

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
FDB101S BILIN-FDB101S Datasheet
136Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
FDB101S SECOS-FDB101S Datasheet
192Kb / 2P
Voltage 50V ~ 1000V1.0 Amp Silicon Bridge Rectifiers
logo
Diode Semiconductor Kor...
FDB101S DSK-FDB101S Datasheet
110Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - FDB101S

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com