Electronic Components Datasheet Search
  English  ▼

X  

FGP30C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FGP30C
Description  Glass Passivated Ultrafast Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FGP30C Datasheet(HTML) 1 Page - Vishay Siliconix

  FGP30C Datasheet HTML 1Page - Vishay Siliconix FGP30C Datasheet HTML 2Page - Vishay Siliconix FGP30C Datasheet HTML 3Page - Vishay Siliconix FGP30C Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 88878
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 15-Mar-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Glass Passivated Ultrafast Rectifier
FGP30B thru FGP30D
Vishay General Semiconductor
New Product
FEATURES
• Superectifier structure for high reliability condition
• Cavity-free glass-passivated junction
• Ideal for automated placement
• Ultrafast reverse recovery time
• Low switching losses, high efficiency
• High forward surge capability
• Meets environmental standard MIL-S-19500
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• AEC-Q101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in high frequency rectification and freewheeling
application in switching mode converters and inverters for
consumer, computer, automotive and telecommunication.
MECHANICAL DATA
Case: DO-204AC, molded epoxy over glass body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS compliant, commercial grade
Base P/NHE3 - RoHS compliant, AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end
PRIMARY CHARACTERISTICS
IF(AV)
3.0 A
VRRM
100 V to 200 V
IFSM
125 A
trr
35 ns
VF
0.95 V
IR
5.0 μA
TJ max.
175 °C
DO-204AC (DO-15)
SUPERECTIFIER
®
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
FGP30B
FGP30C
FGP30D
UNIT
Maximum repetitive peak reverse voltage
VRRM
100
150
200
V
Maximum RMS voltage
VRMS
70
105
140
V
Maximum DC blocking voltage
VDC
100
150
200
V
Maximum average forward rectified current
0.375" (9.5 mm) lead length at TA = 25 °C
IF(AV)
3.0
A
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
IFSM
125
A
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 175
°C


Similar Part No. - FGP30C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FGP30C VISHAY-FGP30C Datasheet
275Kb / 3P
Glass Passivated Ultrafast Rectifier
10-Aug-05
FGP30C VISHAY-FGP30C Datasheet
78Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
logo
SUNMATE electronic Co.,...
FGP30C SUNMATE-FGP30C Datasheet
319Kb / 2P
GLASS PASSIVATED ULTRAFAST RECTIFIER DIODES
logo
Vishay Siliconix
FGP30C VISHAY-FGP30C Datasheet
72Kb / 4P
Glass Passivated Ultrafast Plastic Rectifier
12-Dec-13
More results

Similar Description - FGP30C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FGP20B VISHAY-FGP20B Datasheet
266Kb / 3P
Glass Passivated Ultrafast Rectifier
15-Mar-11
EGP10A VISHAY-EGP10A Datasheet
103Kb / 4P
Glass Passivated Ultrafast Rectifier
20-Aug-07
EGP20A VISHAY-EGP20A Datasheet
111Kb / 5P
Glass Passivated Ultrafast Rectifier
20-Aug-07
EGP30A VISHAY-EGP30A_11 Datasheet
79Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
EGP50A VISHAY-EGP50A_11 Datasheet
80Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
FGP20B VISHAY-FGP20B_11 Datasheet
77Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
FGP50B VISHAY-FGP50B Datasheet
79Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
SBYV26C VISHAY-SBYV26C_11 Datasheet
80Kb / 5P
Glass Passivated Ultrafast Rectifier
15-Mar-11
FGP10B VISHAY-FGP10B_12 Datasheet
79Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
FGP20B VISHAY-FGP20B_12 Datasheet
79Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com