Electronic Components Datasheet Search
  English  ▼

X  

SF1A Datasheet(PDF) 1 Page - Shanghai Sunrise Electronics

Part # SF1A
Description  SURFACE MOUNT SUPER FAST SWITCHING RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics

SF1A Datasheet(HTML) 1 Page - Shanghai Sunrise Electronics

  SF1A Datasheet HTML 1Page - Shanghai Sunrise Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SHANGHAI SUNRISE ELECTRONICS CO., LTD.
FEATURS
• Ideal for surface mount pick and
place application
• Low profile package
• Built-in strain relief
• High surge capability
• Open junction chip,silastic passivated
• Super fast recovery for high efficiency
• High temperature soldering guaranteed:
260
oC/10sec/at terminal
MECHANICAL DATA
• Terminal: Plated leads solderable per
MIL-STD 202E, method 208C
• Case: Molded with UL-94 Class V-O
recognized flame retardant epoxy
• Polarity: Color band denotes cathode
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SYMBOL SF1A SF1B SF1C SF1D SF1E SF1G UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
150
200
300
400
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
V
Maximum Average Forward Rectified Current
(TL=110
oC)
Peak Forward Surge Current (8.3ms single
half sine-wave superimposed on rated load)
Maximum Instantaneous Forward Voltage
(at rated forward current)
Maximum DC Reverse Current
Ta=25
oC
µA
(at rated DC blocking voltage)
Ta=100
oC
µA
Maximum Reverse Recovery Time
(Note 1)
trr
nS
Typical Junction Capacitance
(Note 2)
CJ
pF
Typical Thermal RSFistance
(Note 3)
Rθ(ja)
oC/W
Storage and Operation Junction Temperature
TSTG,TJ
oC
Note:
1.Reverse recovery condition IF=0.5A, IR=1.0A,Irr=0.25A.
2.Measured at 1.0 MHz and applied voltage of 4.0Vdc
3.Thermal rSFistance from junction to terminal mounted on 5×5mm copper pad area
http://www.sse-diode.com
10
40
-50 to +150
IR
5.0
200
35
IFSM
30
A
VF
0.95
1.25
V
SF1A THRU SF1G
SURFACE MOUNT SUPER
FAST SWITCHING RECTIFIER
VOLTAGE: 50 TO 400V CURRENT: 1.0A
(Single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
oC, unless otherwise stated, for capacitive load,
derate current by 20%)
RATINGS
IF(AV)
1.0
A
TECHNICAL
SPECIFICATION
Dimensions in inches and (millimeters)
F
D
H
G
B
A
C
I
MAX.
MIN.
MAX.
MIN.
.035(0.88)
.027(0.68)
.008(0.203)
.004(0.102) .030(0.76)
.060(1.52)
.208(5.28)
.194(4.93) .078(1.98)
.090(2.29)
D
.012(0.305)
.006(0.152)
EF
G
H
I
C
.075(1.90)
.052(1.32)
A
.110(2.79)
.100(2.54)
.157(3.99)
.177(4.50)
B
DSMA/DO-214AC


Similar Part No. - SF1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SF1A05A ETC2-SF1A05A Datasheet
63Kb / 1P
ELECTRONIC APPLICATIONS COMPANY
SF1A05D ETC2-SF1A05D Datasheet
63Kb / 1P
ELECTRONIC APPLICATIONS COMPANY
SF1A05H ETC2-SF1A05H Datasheet
63Kb / 1P
ELECTRONIC APPLICATIONS COMPANY
SF1A12A ETC2-SF1A12A Datasheet
63Kb / 1P
ELECTRONIC APPLICATIONS COMPANY
SF1A12D ETC2-SF1A12D Datasheet
63Kb / 1P
ELECTRONIC APPLICATIONS COMPANY
More results

Similar Description - SF1A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
ES1A SSE-ES1A Datasheet
17Kb / 1P
SURFACE MOUNT SUPER FAST SWITCHING RECTIFIER
ES2A SSE-ES2A Datasheet
17Kb / 1P
SURFACE MOUNT SUPER FAST SWITCHING RECTIFIER
logo
PACELEADER INDUSTRIAL
EGL34A PACELEADER-EGL34A Datasheet
179Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SWITCHING RECTIFIER
EGL341A PACELEADER-EGL341A Datasheet
501Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SWITCHING RECTIFIER
logo
Diotech Company.
ES2A DIOTECH-ES2A Datasheet
855Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
ES3A DIOTECH-ES3A Datasheet
882Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Unisonic Technologies
ES1D UTC-ES1D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
ES2D UTC-ES2D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
ER07A CHENDA-ER07A Datasheet
588Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com