Electronic Components Datasheet Search
  English  ▼

X  

TLV70430 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV70430
Description  24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70430 Datasheet(HTML) 1 Page - Texas Instruments

  TLV70430 Datasheet HTML 1Page - Texas Instruments TLV70430 Datasheet HTML 2Page - Texas Instruments TLV70430 Datasheet HTML 3Page - Texas Instruments TLV70430 Datasheet HTML 4Page - Texas Instruments TLV70430 Datasheet HTML 5Page - Texas Instruments TLV70430 Datasheet HTML 6Page - Texas Instruments TLV70430 Datasheet HTML 7Page - Texas Instruments TLV70430 Datasheet HTML 8Page - Texas Instruments TLV70430 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TLV70433
OUT
IN
GND
MSP430
1
F
m
V
IN
DBV PACKAGE
SOT23
(TOP VIEW)
NC
NC
GND
IN
OUT
1
2
3
5
4
TLV704xx
www.ti.com
SBVS148C
– OCTOBER 2010 – REVISED AUGUST 2011
24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
1
FEATURES
DESCRIPTION
The TLV704xx series of low dropout (LDO) regulators
23
•
Wide Input Voltage Range: 2.5 V to 24 V
are ultralow quiescent current devices designed for
•
Low 3.2-
μA Quiescent Current
extremely power-sensitive applications. Quiescent
•
Ground Pin Current: 3.4
μA at 100-mA IOUT
current is virtually constant over the complete load
current
and
ambient
temperature
range.
These
•
Stable with Any Capacitor (
> 0.47 μF)
devices are an ideal power management attachment
•
Operating Junction Temperature:
to low-power microcontrollers, such as the MSP430.
–40°C to +125°C
The TLV704xx operate over a wide operating input
•
Available in SOT23-5 Package
voltage of 2.5 V to 24 V. Thus, it is an excellent
– See Package Option Addendum at end of
choice for both battery-powered systems as well as
this document for complete list of available
industrial applications that see large line transients.
voltage options
The TLV704xx is available in a 3-mm
× 3-mm
SOT23-5 package, which is ideal for cost-effective
APPLICATIONS
board manufacturing.
•
Ultralow Power Microcontrollers
•
E-Meters
•
Fire Alarms/Smoke Detector Systems
•
Handset Peripherals
•
Industrial/Automotive Applications
•
Remote Controllers
•
Zigbee
™ Networks
•
PDAs
•
Portable, Battery-Powered Equipment
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Zigbee is a trademark of ZigBee Alliance.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV70430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70430DBVR TI-TLV70430DBVR Datasheet
797Kb / 15P
24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
TLV70430DBVR TI1-TLV70430DBVR Datasheet
896Kb / 22P
Ultralow Power Microcontrollers
TLV70430DBVR TI-TLV70430DBVR Datasheet
1Mb / 23P
TLV704 24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
REVISED JANUARY 2015
TLV70430DBVR TI-TLV70430DBVR Datasheet
4Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV70430DBVR TI-TLV70430DBVR Datasheet
3Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
More results

Similar Description - TLV70430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70130 TI1-TLV70130 Datasheet
592Kb / 13P
24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
TPS70912 TI1-TPS70912 Datasheet
179Kb / 11P
150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
TLV70433PKR TI-TLV70433PKR Datasheet
797Kb / 15P
24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
logo
ON Semiconductor
NCP551 ONSEMI-NCP551_14 Datasheet
107Kb / 12P
150 mA CMOS Low Iq Low-Dropout Voltage Low-Dropout Voltage
June, 2014 ??Rev. 18
logo
Texas Instruments
TLV701 TI-TLV701_15 Datasheet
524Kb / 14P
24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
TLV701XX TI1-TLV701XX Datasheet
552Kb / 14P
24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
TPS7B82-Q1 TI1-TPS7B82-Q1 Datasheet
263Kb / 15P
300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
TPS7B82-Q1 TI1-TPS7B82-Q1_18 Datasheet
1,001Kb / 22P
300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
TPS7B82-Q1 TI1-TPS7B82-Q1_19 Datasheet
1Mb / 27P
300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
TLV704 TI-TLV704_V01 Datasheet
1Mb / 23P
TLV704 24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
REVISED JANUARY 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com