Electronic Components Datasheet Search
  English  ▼

X  

TLV70518 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV70518
Description  200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small 0.8-mm x 0.8-mm WCSP
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70518 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV70518 Datasheet HTML 9Page - Texas Instruments TLV70518 Datasheet HTML 10Page - Texas Instruments TLV70518 Datasheet HTML 11Page - Texas Instruments TLV70518 Datasheet HTML 12Page - Texas Instruments TLV70518 Datasheet HTML 13Page - Texas Instruments TLV70518 Datasheet HTML 14Page - Texas Instruments TLV70518 Datasheet HTML 15Page - Texas Instruments TLV70518 Datasheet HTML 16Page - Texas Instruments TLV70518 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
TLV705
TLV705P
www.ti.com
SBVS151B
– DECEMBER 2010 – REVISED DECEMBER 2011
Table 2. Power Dissipation Ratings(1)
TA ≤ 25°C POWER
TA = +70°C POWER
TA = +85°C POWER
BOARD
PACKAGE
RθJ
RATING
RATING
RATING
High-K
YFF, YFP
140
°C/W
714 mW
392 mW
285 mW
(1)
Thermal resistance as measured on the evaluation module (EVM).
Figure 28. Silkscreen, Top Layer
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com