Electronic Components Datasheet Search
  English  ▼

X  

PB4010 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PB4010
Description  Enhanced isoCinkTM Bridge Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PB4010 Datasheet(HTML) 2 Page - Vishay Siliconix

  PB4010 Datasheet HTML 1Page - Vishay Siliconix PB4010 Datasheet HTML 2Page - Vishay Siliconix PB4010 Datasheet HTML 3Page - Vishay Siliconix PB4010 Datasheet HTML 4Page - Vishay Siliconix PB4010 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PB4006 thru PB4010
www.vishay.com
Vishay General Semiconductor
Revision: 07-Feb-12
2
Document Number: 84808
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: 10 ms pulse width
Notes
(1) With 60 W air cooled heatsink
(2) Without heatsink, free air
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Derating Curve Output Rectified Current
Fig. 2 - Forward Current Derating Curve
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Maximum instantaneous forward
voltage per diode (1)
IF = 20 A
TA = 25 °C
TA = 125 °C
VF
1.01
0.94
1.10
1.00
V
Reverse current per diode (2)
rated VR
TA = 25 °C
TA = 125 °C
IR
-
130
10
500
μA
Typical junction capacitance per diode
4.0 V, 1 MHz
CJ
120
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
PB4006
PB4008
PB4010
UNIT
Typical thermal resistance
RJC (1)
RJA (2)
0.75
18
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
PB4006-E3/45
7.53
45
20
Tube
0
40
80
160
0
5
15
20
25
45
Case Temperature (°C)
10
20
60
120
With Heatsink
Sine-Wave, R-Load
100
140
30
T
C Measurement
40
35
0
1
2
3
5
Ambient Temperature (°C)
0
50
25
75
100
125
150
4
Without Heatsink
Sine-Wave, R-Load
Free Air, T
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com