Electronic Components Datasheet Search
  English  ▼

X  

TMP816 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMP816
Description  VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP816 Datasheet(HTML) 2 Page - Texas Instruments

  TMP816 Datasheet HTML 1Page - Texas Instruments TMP816 Datasheet HTML 2Page - Texas Instruments TMP816 Datasheet HTML 3Page - Texas Instruments TMP816 Datasheet HTML 4Page - Texas Instruments TMP816 Datasheet HTML 5Page - Texas Instruments TMP816 Datasheet HTML 6Page - Texas Instruments TMP816 Datasheet HTML 7Page - Texas Instruments TMP816 Datasheet HTML 8Page - Texas Instruments TMP816 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
0.47 µF
to 1 µF
V
CC
6VREG
ROFF
HB
IN+
IN–
RMI
CPWM
VLIM SENSE
SGND
OUT2P
OUT2N
OUT1P
OUT1N
RD
FG
Discharge Circuit
Discharge
Pulse
6VREG
Hall Bias
Hysteresis
Amplifier
Thermal Shutdown
Oscillator
Controller
CT
Hall
VTH
SS
TRUTH TABLE
TMP816
SLVS787 – MAY 2009 ........................................................................................................................................................................................................ www.ti.com
BLOCK DIAGRAM
During full-speed rotation
IN–
IN+
CT
OUT1P
OUT1N
OUT2P
OUT2N
FG
RD
MODE
H
L
L
L
–
–
H
L
L
OUT1
→ 2 drive
L
H
–
H
L
–
OFF
OUT2
→ 1 drive
H
L
H
OFF
–
–
H
L
OFF
Lock protection
L
H
–
H
OFF
–
OFF
VTH
CPWM
IN–
IN+
OUT1P
OUT1N
OUT2P
OUT2N
MODE
H
L
L
–
–
H
OUT1
→ 2 Drive
L
H
L
H
–
H
L
–
OUT2
→ 1 Drive
H
L
OFF
–
–
H
During rotation,
H
L
regeneration in lower TR
L
H
–
H
OFF
–
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com