Electronic Components Datasheet Search
  English  ▼

X  

TMP821DR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMP821DR
Description  TWO-PHASE HALF-WAVE MOTOR PREDRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP821DR Datasheet(HTML) 2 Page - Texas Instruments

  TMP821DR Datasheet HTML 1Page - Texas Instruments TMP821DR Datasheet HTML 2Page - Texas Instruments TMP821DR Datasheet HTML 3Page - Texas Instruments TMP821DR Datasheet HTML 4Page - Texas Instruments TMP821DR Datasheet HTML 5Page - Texas Instruments TMP821DR Datasheet HTML 6Page - Texas Instruments TMP821DR Datasheet HTML 7Page - Texas Instruments TMP821DR Datasheet HTML 8Page - Texas Instruments TMP821DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.ti.com
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
GND
LD
A1
A2
H–
AL
H+
V
CC
D PACKAGE
(TOP VIEW)
TMP821
SLDS152 – JANUARY 2008
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
VCC
1
Power input (4 V to 28 V)
H+
2
Positive Hall input
Speed indication
AL
3
Note: May remain high for several hundred milliseconds after power-on.
H–
4
Negative Hall input
GND
5
Ground
LD
6
Timing capacitor
A1
7
Driver output
A2
8
Driver output
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com