Electronic Components Datasheet Search
  English  ▼

X  

SPLC780D Datasheet(PDF) 6 Page - Jewel Hill Electronic

Part # SPLC780D
Description  The JHB162I is a 16C x 2L Character LCD module. It has a STN panel composed of 80 segments and 16 commons. The LCM can be easily accessed by micro-controller via parallel interface.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

SPLC780D Datasheet(HTML) 6 Page - Jewel Hill Electronic

Back Button SPLC780D Datasheet HTML 2Page - Jewel Hill Electronic SPLC780D Datasheet HTML 3Page - Jewel Hill Electronic SPLC780D Datasheet HTML 4Page - Jewel Hill Electronic SPLC780D Datasheet HTML 5Page - Jewel Hill Electronic SPLC780D Datasheet HTML 6Page - Jewel Hill Electronic SPLC780D Datasheet HTML 7Page - Jewel Hill Electronic SPLC780D Datasheet HTML 8Page - Jewel Hill Electronic SPLC780D Datasheet HTML 9Page - Jewel Hill Electronic SPLC780D Datasheet HTML 10Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
JEWEL HILL ELECTRONIC CO.,LTD.
5. MAXIMUM RATINGS
Item
Symbol
Min
Max
Unit
Note
VDD - Vss
-0.3
7.0
V
Supply voltage
VLCD
VDD-12
VDD+0.3
V
Input Voltage
VIN
-0.3
VDD+0.3
V
Operating temperature
TOPR
-20
+70
℃
Storage temperature
TSTR
-30
+80
℃
Humidity
---
---
90
%RH
6. ELECTRICAL CHARACTERISTICS
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply Voltage
Logic
VDD
---
---
5.0
---
V
H level
VIH
0.8VDD
---
VDD
Input Voltage
L level
VIL
---
-0.2
---
0.2VDD
V
Current Consumption
(LCD DRIVER)
IDD
VDD=5.0V;
VDD
-V5=4.7V,
Tamb=25℃;
---
---
4.0
mA
LCD Driving Voltage
VLCD
Bias=1/5
VLCD=VDD-V5
4.3
4.7
5.5
V
Current Consumption
(With LED BackLight)
ILED
VDD=5.0V;
VLED=3.1V,Tamb=25℃;
---
40
60
mA
JHB1602I
VER: 4.0
- 5 -
Issue date: 2009/12/03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com