Electronic Components Datasheet Search
  English  ▼

X  

JHB2002A Datasheet(PDF) 13 Page - Jewel Hill Electronic

Part # JHB2002A
Description  The JHB2002A is a 20C x 2L Character LCD module. It has a STN panel composed of 100 segments and 16 commons. The LCM can be easily accessed by micro-controller via parallel interface.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JHB2002A Datasheet(HTML) 13 Page - Jewel Hill Electronic

Back Button JHB2002A Datasheet HTML 9Page - Jewel Hill Electronic JHB2002A Datasheet HTML 10Page - Jewel Hill Electronic JHB2002A Datasheet HTML 11Page - Jewel Hill Electronic JHB2002A Datasheet HTML 12Page - Jewel Hill Electronic JHB2002A Datasheet HTML 13Page - Jewel Hill Electronic JHB2002A Datasheet HTML 14Page - Jewel Hill Electronic JHB2002A Datasheet HTML 15Page - Jewel Hill Electronic JHB2002A Datasheet HTML 16Page - Jewel Hill Electronic JHB2002A Datasheet HTML 17Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
JEWEL HILL ELECTRONIC CO.,LTD.
8. ELECTRO-OPTICAL CHARACTERISTICS
Item
Symbol
Condition
Temp
Min
Typ.
Max
Units
Note
0℃
4.7
5.0
5.3
25℃
4.4
4.7
5.0
LCD driving
voltage
VLCD
θ=ψ= 0
50℃
4.1
4.4
4.7
V
NOTE1
Rise Time (Tr)
---
---
--
Decay Time (Tf)
0℃
---
----
---
Rise Time (Tr)
---
225
340
Decay Time (Tf)
25℃
---
240
360
Rise Time (Tr)
---
---
--
Response Time
Decay Time (Tf)
θ=ψ= 0
50℃
---
---
--
msec
NOTE2
Contrast Ratio
Cr
θ=ψ= 0
25℃
5
10
---
---
NOTE4
Viewing Angle
Range
θ(ψ= 0
°)
(6”)
ψ= 90
°
(3”)
ψ=180
°
(12”)
ψ=270
°
(9”)
備註
θ(25℃)
CR
≥2
40
35
25
20
Deg
NOTE3
For panel only
JHB2002A
VER: 4.0
- 12 -
Issue date: 2009/12/02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com