Electronic Components Datasheet Search
  English  ▼

X  

SST29SF512 Datasheet(PDF) 7 Page - Silicon Storage Technology, Inc

Part # SST29SF512
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29SF512 Datasheet(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button SST29SF512 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29SF512 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29SF512 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29SF512 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29SF512 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29SF512 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29SF512 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST29SF512 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST29SF512 Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Preliminary Specifications
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit Small-Sector Flash
SST29SF512 / SST29SF010 / SST29SF020 / SST29SF040
SST29VF512 / SST29VF010 / SST29VF020 / SST29VF040
7
©2001 Silicon Storage Technology, Inc.
S71160-05-000
5/01
505
TABLE
4: SOFTWARE COMMAND SEQUENCE
Command
Sequence
1st Bus
Write Cycle
2nd Bus
Write Cycle
3rd Bus
Write Cycle
4th Bus
Write Cycle
5th Bus
Write Cycle
6th Bus
Write Cycle
Addr1
Data
Addr1
Data
Addr1
Data
Addr1
Data
Addr1
Data
Addr1
Data
Byte-Program
555H
AAH
2AAH
55H
555H
A0H
BA2
Data
Sector-Erase
555H
AAH
2AAH
55H
555H
80H
555H
AAH
2AAH
55H
SAX3
20H
Chip-Erase
555H
AAH
2AAH
55H
555H
80H
555H
AAH
2AAH
55H
555H
10H
Software ID Entry4,5
555H
AAH
2AAH
55H
555H
90H
Software ID Exit6
XXH
F0H
Software ID Exit6
555H
AAH
2AAH
55H
555H
F0H
T4.4 505
1. Address format A14-A0 (Hex),
Address A15 can be VIL or VIH, but no other value, for the Command sequence for SST29SF/VF512.
Addresses A15 - A16 can be VIL or VIH, but no other value, for the Command sequence for SST29SF/VF010.
Addresses A15 - A17 can be VIL or VIH, but no other value, for the Command sequence for SST29SF/VF020.
Addresses A15 - A18 can be VIL or VIH, but no other value, for the Command sequence for SST29SF/VF040.
2. BA = Program Byte address
3. SAX for Sector-Erase; uses AMS-A7 address lines for SST29SF/VFxxx
AMS = Most significant address
AMS = A15 for SST29SF/VF512, A16 for SST29SF/VF010, A17 for SST29SF/VF020, and A18 for SST29SF/VF040
4. The device does not remain in Software Product ID Mode if powered down.
5. With AMS-A1 =0;
SST Manufacturer’s ID= BFH, is read with A0 = 0,
SST29SF512 Device ID = 20H, is read with A0 = 1
SST29SF512 Device ID = 21H, is read with A0 = 1
SST29SF010 Device ID = 22H, is read with A0 = 1
SST29VF010 Device ID = 23H, is read with A0 = 1
SST29SF020 Device ID = 24H, is read with A0 = 1
SST29SF020 Device ID = 25H, is read with A0 = 1
SST29SF040 Device ID = 13H, is read with A0 = 1
SST29VF040 Device ID = 14H, is read with A0 = 1
6. Both Software ID Exit operations are equivalent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com