Electronic Components Datasheet Search
  English  ▼

X  

TPS22908 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22908
Description  Ultra Small, Low-Input Voltage, Low RON Load Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22908 Datasheet(HTML) 2 Page - Texas Instruments

  TPS22908 Datasheet HTML 1Page - Texas Instruments TPS22908 Datasheet HTML 2Page - Texas Instruments TPS22908 Datasheet HTML 3Page - Texas Instruments TPS22908 Datasheet HTML 4Page - Texas Instruments TPS22908 Datasheet HTML 5Page - Texas Instruments TPS22908 Datasheet HTML 6Page - Texas Instruments TPS22908 Datasheet HTML 7Page - Texas Instruments TPS22908 Datasheet HTML 8Page - Texas Instruments TPS22908 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TPS22908
SLVSBI7A – JULY 2012 – REVISED AUGUST 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT(2)
VIN
Supply voltage range
–0.3 to 4
V
VOUT
Output voltage range
–0.3 to (VIN + 0.3)
V
VON
Input voltage range
–0.3 to 4
V
Maximum Continuous Switch Current for VIN >= 1.2V
1000
IMAX
mA
Maximum Continuous Switch Current at VIN = 1.0V
600
TA
Operating free-air temperature range(3)
–40 to 85
°C
TJ
Maximum junction temperature
125
°C
TSTG
Storage temperature range
–65 to 150
°C
TLEAD
Maximum lead temperature (10-s soldering time)
300
°C
Human-Body Model (HBM)
2000
Electrostatic discharge
ESD
V
protection
Charged-Device Model (CDM)
1000
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature [TA(max)] is dependent on the maximum operating junction temperature [TJ(max)],
the maximum power dissipation of the device in the application [PD(max)], and the junction-to-ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA(max) = TJ(max) – (θJA × PD(max))
THERMAL INFORMATION
TPS22908
THERMAL METRIC(1)(2)
UNITS
YZT (4 PINS)
ΘJA
Junction-to-ambient thermal resistance
188
ΘJC(top)
Junction-to-case(top) thermal resistance
2
ΘJB
Junction-to-board thermal resistance
33
°C/W
ΨJT
Junction-to-top characterization parameter
9.1
ΨJB
Junction-to-board characterization parameter
33
ΘJC(bottom)
Junction-to-case(bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953
(2)
For thermal estimates of this device based on PCB copper area, see the TI PCB Thermal Calculator.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VIN
Input voltage range
1.0
3.6
V
VON
ON voltage range
0
3.6
V
VOUT
Output voltage range
0
VIN
V
VIH
High-level input voltage, ON
0.85
3.6
V
VIL
Low-level input voltage, ON
0
0.4
V
CIN
Input capacitor
1(1)
µF
(1)
Refer to application section.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :TPS22908



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com