Electronic Components Datasheet Search
  English  ▼

X  

TPS22980 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22980
Description  3.3V TO 18V MUX with Overcurrent Limit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22980 Datasheet(HTML) 2 Page - Texas Instruments

  TPS22980 Datasheet HTML 1Page - Texas Instruments TPS22980 Datasheet HTML 2Page - Texas Instruments TPS22980 Datasheet HTML 3Page - Texas Instruments TPS22980 Datasheet HTML 4Page - Texas Instruments TPS22980 Datasheet HTML 5Page - Texas Instruments TPS22980 Datasheet HTML 6Page - Texas Instruments TPS22980 Datasheet HTML 7Page - Texas Instruments TPS22980 Datasheet HTML 8Page - Texas Instruments TPS22980 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Exposed
Pad
(Connect to GND)
15
14
13
12
11
1
2
3
4
5
10
9
8
7
6
16
17
18
19
20
ISET_S0
ISET_S3
ISET_V3P3
VHV
VHV
V3P3
RSVD
S0
V3P3OUT
V3P3
Exposed
Pad
(Connect to GND)
1
2
3
4
5
15
14
13
12
11
6
7
8
9
10
20
19
18
17
16
VHV
VHV
ISET_V3P3
ISET_S3
ISET_S0
RSVD
V3P3
V3P3
V3P3OUT
S0
BOTTOM VIEW
TOP VIEW / FOOTPRINT
TPS22980
SLVSB61B – DECEMBER 2011 – REVISED APRIL 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PART NUMBER
PACKAGE MARKING
PACKAGE
DEVICE SPECIFIC FEATURES
TPS22980RGPR
PS22980
RGP
Tape and Reel
Package Size: 4mm x 4mm x 1mm height, Pad Pitch: 0.5mm
PIN FUNCTIONS
PIN
DESCRIPTION
NO.
NAME
1
2
GND
Device ground
3
4
5
EN
Device Enable.
6
VHV
High voltage power supply input. Place a minimum of 0.1µF capacitor as close to this pin as possible.
7
Sets the current limit for V3P3. Place resistor between this pin and GND. See Equation 1 to calculate resistor
8
ISET_V3P3
value.
Sets the current limit for VHV in S3 mode. Place resistor between this pin and GND. See Equation 1 to
9
ISET_S3
calculate resistor value.
Sets the current limit for VHV in S0 mode. Place resistor between this pin and GND. See Equation 1 to
10
ISET_S0
calculate resistor value.
11
HV_EN
High voltage output enable.
12, 14
OUT
Power output. Place a minimum of 1µF capacitor as close to this pin as possible.
13
GND
Device ground.
15
RSVD
Reserved. Must Tie to GND.
16
17
S0
When this pin is asserted, the device is put in S0 mode. Otherwise the device operates in S3 mode.
18
V3P3OUT
3.3V bypass output. Place a minimum of 0.1µF capacitor as close to this pin as possible.
19
V3P3
3.3V power supply input. Place a minimum of 0.1µF capacitor as close to this pin as possible.
20
EP
GND
2
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s) :TPS22980



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com