Electronic Components Datasheet Search
  English  ▼

X  

ISL26322 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL26322
Description  12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL26322 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL26322 Datasheet HTML 1Page - Intersil Corporation ISL26322 Datasheet HTML 2Page - Intersil Corporation ISL26322 Datasheet HTML 3Page - Intersil Corporation ISL26322 Datasheet HTML 4Page - Intersil Corporation ISL26322 Datasheet HTML 5Page - Intersil Corporation ISL26322 Datasheet HTML 6Page - Intersil Corporation ISL26322 Datasheet HTML 7Page - Intersil Corporation ISL26322 Datasheet HTML 8Page - Intersil Corporation ISL26322 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners
12-bit, 250kSPS Low-power ADCs with Single-ended
and Differential Inputs and Multiple Input Channels
ISL26320, ISL26321, ISL26322,
ISL26323, ISL26324, ISL26325,
ISL26329
The ISL26320/21/22/23/24/25/29 family of sampling
SAR-type ADCs feature excellent linearity over supply and
temperature variations, and offer versions with 1-, 2-, 4- and
8-channel single-ended inputs, and 1-, 2- and 4-channel
differential inputs.
A proprietary input multiplexer and combination buffer amplifier
reduces the input drive requirements, resulting in lower cost and
reduced board space. Specified measurement accuracy is
maintained with input signals up to VDD.
Members of the ISL26320/21/22/23/24/25/29 family of
Low-Power ADCs offer pinout intercompatibility, differing only in
the analog inputs, to support quick replication of proven layouts
across multiple design platforms.
The serial digital interface is SPI compatible and is easily
interfaced to popular FPGAs and microcontrollers. Power
consumption is limited to 15mW at a sampling rate of 250kSPS,
and an operating current of just 8μA typical between
conversions, when configured for Auto Powerdown mode.
The ISL26320/21/22/23/24/25/29 feature up to 5kV Human
Body Model ESD survivability and are available in the popular
SOIC and TSSOP packages. Performance is specified for
operation over the full industrial temperature range (-40°C to
+125°C).
Features
• Pin-compatible Family Allows Easy Design Upgrades
• Excellent Differential Non-Linearity (0.7LSB max)
• Low THD: -86dB (typ)
• Simple SPI-compatible Serial Digital Interface
• Low 3mA Operating Current
• Power-down Current between Conversions 8μA (typ)
• +5.25V to +2.7V Supply
• Excellent ESD Survivability: 5kV HBM, 350V MM, 2kV CDM
Applications
• Industrial Process Control
• Energy Measurement
• Multichannel Data Acquisition Systems
• Pressure Sensors
• Flow Controllers
FIGURE 1. FUNCTIONAL BLOCK DIAGRAM
June 8, 2012
FN8273.0


Similar Part No. - ISL26322

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL26322 RENESAS-ISL26322 Datasheet
1Mb / 23P
12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
ISL26322 RENESAS-ISL26322 Datasheet
1Mb / 23P
12-Bit, 250kSPS Low-Power ADCs with Single-Ended and Differential Inputs and Multiple Input Channels
logo
Intersil Corporation
ISL26322 INTERSIL-ISL26322 Datasheet
860Kb / 23P
12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
September 5, 2013
ISL26322FVZ INTERSIL-ISL26322FVZ Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL26322FVZ INTERSIL-ISL26322FVZ Datasheet
860Kb / 23P
12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
September 5, 2013
More results

Similar Description - ISL26322

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1860 LINER-LTC1860_07 Datasheet
205Kb / 16P
關Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
logo
Intersil Corporation
ISL26310 INTERSIL-ISL26310 Datasheet
818Kb / 23P
12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
logo
Maxim Integrated Produc...
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
logo
Linear Technology
LTC1860 LINER-LTC1860_15 Datasheet
200Kb / 16P
Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1861 LINER-LTC1861_15 Datasheet
200Kb / 16P
Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC2431 LINER-LTC2431_15 Datasheet
460Kb / 40P
20-Bit No Latency ADCs with Differential Input and Differential Reference
logo
Intersil Corporation
ISL26320FBZ INTERSIL-ISL26320FBZ Datasheet
860Kb / 23P
12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
September 5, 2013
logo
Renesas Technology Corp
ISL26310 RENESAS-ISL26310 Datasheet
1Mb / 23P
12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
ISL26320 RENESAS-ISL26320 Datasheet
1Mb / 23P
12-Bit, 250kSPS Low-Power ADCs with Single-Ended and Differential Inputs and Multiple Input Channels
logo
Maxim Integrated Produc...
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com