Electronic Components Datasheet Search
  English  ▼

X  

ISL705ARHF/PROTO Datasheet(PDF) 13 Page - Intersil Corporation

Part # ISL705ARHF/PROTO
Description  Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL705ARHF/PROTO Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ISL705ARHF/PROTO Datasheet HTML 9Page - Intersil Corporation ISL705ARHF/PROTO Datasheet HTML 10Page - Intersil Corporation ISL705ARHF/PROTO Datasheet HTML 11Page - Intersil Corporation ISL705ARHF/PROTO Datasheet HTML 12Page - Intersil Corporation ISL705ARHF/PROTO Datasheet HTML 13Page - Intersil Corporation ISL705ARHF/PROTO Datasheet HTML 14Page - Intersil Corporation ISL705ARHF/PROTO Datasheet HTML 15Page - Intersil Corporation ISL705ARHF/PROTO Datasheet HTML 16Page - Intersil Corporation ISL705ARHF/PROTO Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
ISL705AEH, ISL705BEH, ISL705CEH, ISL706AEH, ISL706BEH, ISL706CEH
13
FN8262.0
March 30, 2012
Functional Overview
The ISL705xEH and ISL706xEH provide the functions needed for
monitoring critical voltages in high reliability applications, such as
microprocessor systems. Functions of the these supervisors include
power-on reset control, supply voltage supervisions, power-fail
detection, manual-reset assertion and a watch dog timer. The
integration of all these functions along with their high threshold
accuracy, low power consumption, and radiation tolerance make
these devices ideal for critical supply monitoring.
Reset Output
Reset control has long been a critical aspect of embedded
control design. Microprocessors require a reset signal during
power up to ensure that the system environment is stable before
initialization.
The reset signal provides several benefits:
• It prevents the system microprocessor from starting to operate
with insufficient voltage.
• It prevents the processor from operating prior to stabilization
of the oscillator.
• It ensures that the monitored device is held out of operation
until internal registers are initialized.
• It allows time for an FPGA to perform its self configuration
prior to initialization of the circuit.
On power-up, once VDD reaches 1.2V, RST is guaranteed logic
low. As VDD rises, RST stays low. When VDD rises above the reset
threshold (VRST), an internal timer releases RST after 200ms
(typ). RST pulses low whenever VDD degrades to below VRST (see
Figure 3). If a brownout condition occurs in the middle of a
previously initiated reset pulse, the pulse is lengthened 200ms
(typ).
On power-down, once VDD falls below the reset threshold, RST
stays low and is guaranteed to be low until VDD drops below 1.2V.
The ISL705BEH and ISL706BEH active-high RST output is simply
the complement of the RST output, and is guaranteed to be valid
with VDD down to 1.2V. The ISL705CEH and ISL706CEH
active-low open-drain reset output is functionally identical to RST.
Power Failure Monitor
Besides monitoring VDD for reset control, these devices have a
Power-Failure Monitor feature that supervises an additional
critical voltage on the Power-Fail Input (PFI) pin. For example, the
PFI pin could be used to provide an early power-fail warning,
overvoltage detection or monitor a power supply other than VDD.
PFO goes low whenever PFI is less than VPFI.
The threshold detector can be adjusted using an external resistor
divider network to provide custom voltage monitoring for
voltages greater than VPFI, according to Equation 1 (see
Figure 32).
Manual Reset
The manual reset input (MR) allows designers to add manual
system reset capability via a push button switch (see Figure 33).
The MR input is an active low debounced input that asserts reset
if the MR pin is pulled low to less than VIL for at least 150ns.
After MR is released, the reset output remains asserted for tRST
and then released. MR is a TTL/CMOS logic compatible, so it can
be driven by external logic. By connecting WDO to MR, one can
force a watchdog time out to generate a reset pulse.
Watch Dog Timer
The watchdog time circuit checks for coherent program
execution by monitoring the WDI pin. If the processor does not
toggle the watchdog input within tWD (1.0s min), WDO will go
low. As long as reset is asserted or the WDI pin is tri-stated, the
watchdog timer will stay cleared and not count. As soon as reset
is released and WDI is driven high or low, the timer will start
counting. Pulses as short as 50ns can be detected on the
ISL705xEH, on ISL706xEH pulses as short as 100ns can be
detected.
Whenever there is a low-voltage VDD condition, WDO goes low.
Unlike the reset outputs, however, WDO goes high as soon as
VDD rises above its voltage trip point (see Figure 4). With WDI
open or connected to a tri-stated high impedance input, the
Watchdog Timer is disabled and only pulls low when VDD < VRST.
Applications Information
Negative Voltage Sensing
This family of devices can be used to sense and monitor the
presence of both a positive and negative rail. VDD is used to
monitor the positive supply while PFI monitors the negative rail.
PFO is high when the negative rail degrades below a VTRIP value
and remains low when the negative rail is above the Vtrip value.
As the differential voltage across the R1, R2 divider is increased,
the resistor values must be chosen such that the PFI node is
<1.25V when the -V supply is satisfactory and the positive supply
VIN
VPFI
R1 R2
+
R2
----------------------
⎝⎠
⎛⎞
=
(EQ. 1)
FIGURE 32. CUSTOM VTH WITH RESISTOR DIVIDER ON PFI
VIN
R1
R2
PFI
ISL705xEH/ISL706xEH
MR
PB
20k
FIGURE 33. CONNECTING A MANUAL RESET PUSH-BUTTON
ISL705xEH/ISL706xEH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com