Electronic Components Datasheet Search
  English  ▼

X  

AD9833 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9833
Description  Evaluation Board User Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9833 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9833 Datasheet HTML 4Page - Analog Devices AD9833 Datasheet HTML 5Page - Analog Devices AD9833 Datasheet HTML 6Page - Analog Devices AD9833 Datasheet HTML 7Page - Analog Devices AD9833 Datasheet HTML 8Page - Analog Devices AD9833 Datasheet HTML 9Page - Analog Devices AD9833 Datasheet HTML 10Page - Analog Devices AD9833 Datasheet HTML 11Page - Analog Devices AD9833 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
UG-272
Evaluation Board User Guide
Rev. A | Page 10 of 12
ORDERING INFORMATION
BILL OF MATERIALS
Table 2.
Reference Designator
Description
Manufacturer
Part Number
C1, C2, C4 to C7, C8
0.1 µF, 50 V, X7R ceramic capacitor
Murata
GRM188R71H104KA93D
C3
0.01 µF ceramic capacitor, 0603, 10 V, X5R, 10%
Kemet
C0603C103K5RACTU
C9, C10, C11
10 µF SMD tantalum capacitor, 10 V, ±10%, RTAJ_A
AVX
TAJA106K010R
C16
1 µF ceramic capacitor, 10 V, 10%, Y5V, 0603
Murata
CC0603ZRY5V6BB105
C17, C19
0.1 µF capacitor, 0603, 16 V, X7R, ±10%
Multicomp
B0603R104KCT
C18
10 µF ceramic capacitor, 10 V, 10%, X5R, 0805
Murata
GRM21BR61A106KE19L
CLK1, VOUT1
Straight PCB mount SMB jack, 50 Ω
Tyco
1-1337482-0
FSYNC, SCLK, SDATA, VOUT, VOUT2
Red test point
Vero
20-313137
J1
120-way connector, 0.6 mm pitch, receptacle
HRS (Hirose)
FX8-120S-SV(21)
J3, J4
2-pin terminal block (5 mm pitch)
Campden
CTB5000/2
LK1
Jumper block, 2-pin 0.1" spacing
Harwin
M20-9990246
LK2, LK4
3-pin SIL header and shorting link
Harwin
M20-9990345 and M7567-05
R4
50 Ω SMD resistor, 0603
Multicomp
MC 0.063W 0603 50R
R5, R6
0 Ω SMD resistor, 0603
Multicomp
MC 0.063W 0603 0R
U1
64K I2C serial EEPROM MSOP-8
Microchip
24LC64-I/MS
U2
Precision micropower, low dropout, low voltage
references, 8-lead TSSOP
Analog Devices
REF196GRUZ
U3
Low power 12.65 mW, 2.3 V to 5.5 V, programmable
waveform generator, 10-lead MSOP
Analog Devices
AD9833BRMZ
XTAL1
25 MHz
AEL Crystals
XTAL-AEL-301-SERIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com