Electronic Components Datasheet Search
  English  ▼

X  

SST48CF048 Datasheet(PDF) 15 Page - Silicon Storage Technology, Inc

Part # SST48CF048
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF048 Datasheet(HTML) 15 Page - Silicon Storage Technology, Inc

Back Button SST48CF048 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 19Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
15
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
2.3.6 Attribute Memory Read Timing Specification
The Attribute Memory access time is defined as 100 ns. Detailed timing specifications are shown in Table 2-3.
FIGURE
2-1: ATTRIBUTE MEMORY READ TIMING DIAGRAM
TABLE
2-3: ATTRIBUTE MEMORY READ TIMING
Speed Version
100 ns
Item
Symbol
IEEE Symbol
Min1
1. All times are in nanoseconds. DOUT signifies data provided by the CompactFlash card to the system. The -CE signal or both the -OE
signal and the -WE signal must be de-asserted between consecutive cycle operations.
All AC specifications are guaranteed by design.
Max1
Read Cycle Time
tc(R)
tAVAV
100
Address Access Time
ta(A)
tAVQV
100
Card Enable Access Time
ta(CE)
tELQV
100
Output Enable Access Time
ta(OE)
tGLQV
50
Output Disable Time from CE
tdis(CE)
tEHQZ
50
Output Disable Time from OE
tdis(OE)
tGHQZ
50
Address Setup Time
tsu(A)
tAVGL
10
Output Enable Time from CE
ten(CE)
tELQNZ
5
Output Enable Time from OE
ten(OE)
tGLQNZ
5
Data Valid from Address Change
tv(A)
tAXQX
0
T2-3.1 375
375 ILL2-1.0
An
tc(R)
ta(A)
ta(CE)
ta(OE)
Dout
tdis(OE)
tdis(CE)
tv(A)
ten(CE)
ten(OE)
tsu(A)
-REG
-CE
-OE
Dout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com