Electronic Components Datasheet Search
  English  ▼

X  

SST48CF096 Datasheet(PDF) 25 Page - Silicon Storage Technology, Inc

Part # SST48CF096
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF096 Datasheet(HTML) 25 Page - Silicon Storage Technology, Inc

Back Button SST48CF096 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST48CF096 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST48CF096 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST48CF096 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST48CF096 Datasheet HTML 25Page - Silicon Storage Technology, Inc SST48CF096 Datasheet HTML 26Page - Silicon Storage Technology, Inc SST48CF096 Datasheet HTML 27Page - Silicon Storage Technology, Inc SST48CF096 Datasheet HTML 28Page - Silicon Storage Technology, Inc SST48CF096 Datasheet HTML 29Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
25
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
2.4.3 Card Configuration and Status Register (Address 202H in Attribute Memory)
The Card Configuration and Status Register contains information about the card’s condition.
Changed
Indicates that one or both of the Pin Replacement register CRdy or CWProt bits are set
to one (1). When the Changed bit is set, Pin 46 (-STSCHG) is held low if the SigChg bit
is a One (1) and the CompactFlash card is configured for the I/O interface.
SigChg
This bit is set and reset by the host to enable and disable a state-change “signal” from
the Status Register, the Changed bit control pin 46 the Changed Status signal. If no state
change signal is desired, this bit should be set to zero (0) and pin 46 (-STSCHG) signal
will be held high while the CompactFlash card is configured for I/O
IOis8
The host sets this bit to a one (1) if the CompactFlash card is to be configured in an 8-bit
I/O Mode. The CompactFlash card is always configured for both 8- and 16-bit I/O, so this
bit is ignored.
PwrDwn
This bit indicates whether the host requests the CompactFlash card to be in the power
saving or active mode. When the bit is one (1), the CompactFlash card enters a power
down mode. When zero (0), the host is requesting the CompactFlash card to enter the
active mode. The PCMCIA Rdy/-Bsy value becomes BUSY when this bit is changed.
Rdy/-Bsy will not become Ready until the power state requested has been entered. The
CompactFlash card automatically powers down when it is idle and powers back up when
it receives a command.
Int
This bit represents the internal state of the interrupt request. This value is available
whether or not I/O interface has been configured. This signal remains true until the
condition which caused the interrupt request has been serviced. If interrupts are
disabled by the -IEN bit in the Device Control Register, this bit is a zero (0).
TABLE
2-14: CARD CONFIGURATIONS
Conf5
Conf4
Conf3
Conf2
Conf1
Conf0
Disk Card Mode
0
0000
0
Memory Mapped
0
0000
1
I/O Mapped, any 16 Byte system
decoded boundary
0
0001
0
I/O Mapped, 1F0H-1F7H/3F6H-3F7H
0
0001
1
I/O Mapped, 170H-177H/376H-377H
T2-14.0 375
CARD CONFIGURATION AND STATUS REGISTER ORGANIZATION
Operation
D7D6
D5D4D3D2
D1D0
Read
Changed
SigChg
IOis8
0
0
PwrDwn
Int
0
Write
0
SigChg
IOis8
0
0
PwrDwn
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com