| Electronic Components Datasheet Search |
|
SST48CF192 Datasheet(PDF) 27 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST48CF192 Datasheet(HTML) 27 Page - Silicon Storage Technology, Inc |
|
27 / 60 page ![]() Data Sheet CompactFlash Card SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256 27 ©2001 Silicon Storage Technology, Inc. S71125-03-000 9/01 375 2.5 I/O Transfer Function 2.5.1 I/O Function The I/O transfer to or from the CompactFlash card can be either 8 or 16 bits. When a 16-bit accessible port is addressed, the signal -IOIS16 is asserted by the CompactFlash card. Otherwise, the -IOIS16 signal is de-asserted. When a 16 bit transfer is attempted, and the -IOIS16 signal is not asserted by the CompactFlash card, the system must generate a pair of 8-bit references to access the word’s Even Byte and Odd Byte. The CompactFlash card permits both 8 and 16 bit accesses to all of its I/O addresses, so -IOIS16 is asserted for all addresses to which the CompactFlash card responds. TABLE 2-16: I/O FUNCTION Function Code -REG -CE2 -CE1 A0 -IORD -IOWR D15-D8 D7-D0 Standby Mode X VIH VIH XXX High Z High Z Byte Input Access (8 bits) VIL VIL VIH VIH VIL VIL VIL VIH VIL VIL VIH VIH High Z High Z Even Byte Odd Byte Byte Output Access (8 bits) VIL VIL VIH VIH VIL VIL VIL VIH VIH VIH VIL VIL Don’t Care Don’t Care Even Byte Odd Byte Word Input Access (16 bits) VIL VIL VIL VIL VIL VIH Odd Byte Even Byte Word Output Access (16 bits) VIL VIL VIL VIL VIH VIL Odd Byte Even Byte I/O Read Inhibit VIH X X X VIL VIH Don’t Care Don’t Care I/O Write Inhibit VIH X X X VIH VIL High Z High Z High Byte Input Only (8 bits) VIL VIL VIH X VIL VIH Odd Byte High Z High Byte Output Only (8 bits) VIL VIL VIH X VIH VIL Odd Byte Don’t Care T2-16.0 375 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |