Electronic Components Datasheet Search
  English  ▼

X  

MCT1413P Datasheet(PDF) 2 Page - Motorola, Inc

Part # MCT1413P
Description  High Voltage, High Current Darlington Transistor Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCT1413P Datasheet(HTML) 2 Page - Motorola, Inc

  MCT1413P Datasheet HTML 1Page - Motorola, Inc MCT1413P Datasheet HTML 2Page - Motorola, Inc MCT1413P Datasheet HTML 3Page - Motorola, Inc MCT1413P Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCT1413, B
2
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Leakage Current
(VO = 50 V)
(VO = 50 V, TA = + 85°C)
(VO = 50 V, TA = – 40°C)
MCT1413, B
MCT1413, B
MCT1413B
ICEX
–
–
–
–
–
–
50
100
100
µA
Collector–Emitter Saturation Voltage
(IC = 350 mA, IB = 500 µA)
(IC = 200 mA, IB = 350 µA)
(IC = 100 mA, IB = 250 µA)
(IC = 350 mA, IB = 500 µA, TA = + 85°C, – 40°C)
(IC = 200 mA, IB = 350 µA, TA = + 85°C, – 40°C)
(IC = 100 mA, IB = 250 µA, TA = + 85°C, – 40°C)
MCT1413, B
MCT1413, B
MCT1413, B
MCT1413B
MCT1413B
MCT1413B
VCE(sat)
–
–
–
–
–
–
1.1
0.95
0.85
–
–
–
1.6
1.3
1.1
1.75
1.5
1.3
V
Input Current – ON Condition
(Vin = 3.85 V)
MCT1413, B
Iin
–
0.93
1.35
mA
Output Voltage – ON Condition
(Vin = 2.4 V, IC = 200 mA)
(Vin = 2.7 V, IC = 250 mA)
(Vin = 3.0 V, IC = 300 mA)
(Vin = 2.7 V, IC = 250 mA, TA = + 85°C, – 40°C)
(Vin = 3.0 V, IC = 300 mA, TA = + 85°C, – 40°C)
MCT1413, B
MCT1413, B
MCT1413, B
MCT1413B
MCT1413B
Vout
–
–
–
–
–
–
–
–
–
–
2.0
2.0
2.0
2.0
2.0
V
Output Current – OFF Condition
(Iin = 50 µA, Vout = 5.0 V)
(Iin = 50 µA, Vout = 5.0 V, TA = + 85°C)
(Iin = 50 µA, Vout = 5.0 V, TA = – 40°C)
MCT1413, B
MCT1413, B
MCT1413B
Iout
–
–
–
–
–
–
100
500
500
µA
Clamp Diode Leakage Current
(VR = 50 V)
(VR = 50 V, TA = + 85°C)
(VR = 50 V, TA = – 40°C)
MCT1413, B
MCT1413, B
MCT1413B
IR
–
–
–
–
–
–
50
100
100
µA
Clamp Diode Forward Voltage
(IF = 350 mA)
(IF = 350 mA, TA = + 85°C, – 40°C)
MCT1413, B
MCT1413B
VF
–
–
1.5
–
2.0
2.0
V
Figure 1. Representative Schematic Diagram
(1/7 MCT1413, B)
7.2 k
3.0 k
Pin 9
2.7 k
This device contains 14 active transistors.
NOTE: Dotted lines indicate parasitic diodes.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com