Electronic Components Datasheet Search
  English  ▼

X  

1T365 Datasheet(PDF) 4 Page - Sony Corporation

Part # 1T365
Description  Silicon Variable Capacitance Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

1T365 Datasheet(HTML) 4 Page - Sony Corporation

  1T365 Datasheet HTML 1Page - Sony Corporation 1T365 Datasheet HTML 2Page - Sony Corporation 1T365 Datasheet HTML 3Page - Sony Corporation 1T365 Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SONY CODE
EIAJ CODE
JEDEC CODE
PACKAGE WEIGHT
M-235
∗1.25
+ 0.2
– 0.1
0.3
+ 0.1
– 0.05
1
2
0.3
+ 0.1
– 0.05
∗0.9 ± 0.1
0.2
0 ± 0.05
0° to 10°
0.11
+ 0.1
– 0.06
M-235
0.1g
NOTE: Dimension “
∗” does not include mold protrusion.
Package Outline
Unit : mm
1T365
—4—
Marking
1
2
CATHODE MARK
65
B
Notes
1) B:Lot No.(Year and Month of manufacture)
Year;Last one digit
Month;A,B,C(for Oct. to Dec.)
1 to 9(for Jan.to Sept.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com