Electronic Components Datasheet Search
  English  ▼

X  

1T367 Datasheet(PDF) 3 Page - Sony Corporation

Part # 1T367
Description  UHF band VCO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

1T367 Datasheet(HTML) 3 Page - Sony Corporation

  1T367 Datasheet HTML 1Page - Sony Corporation 1T367 Datasheet HTML 2Page - Sony Corporation 1T367 Datasheet HTML 3Page - Sony Corporation 1T367 Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
—3—
1T367
Reverse current vs. Operating ambient temperature
Ta-Operating ambient temperature (
°C)
100.0
10.0
1.00
0.10
0.01
–20
0
20
40
60
80
Reverse voltage vs. Operation ambient temperature
Ta-Operating ambient temperature (
°C)
29
28
27
26
25
–20
0
20
40
60
80
IR=1
µA
Reverse current vs. Reverse voltage
VR-Reverse voltage (V)
100.0
10.0
1.00
0.10
0.01
0
2
4
6
8
10
12
14
16
18
Ta=80
°C
Ta=60
°C
Ta=25
°C
VR=15V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com