Electronic Components Datasheet Search
  English  ▼

X  

MDC3205 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MDC3205
Description  RELAY/SOLENOID DRIVER SILICON MONOLITHIC CIRCUIT BLOCK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MDC3205 Datasheet(HTML) 2 Page - Motorola, Inc

  MDC3205 Datasheet HTML 1Page - Motorola, Inc MDC3205 Datasheet HTML 2Page - Motorola, Inc MDC3205 Datasheet HTML 3Page - Motorola, Inc MDC3205 Datasheet HTML 4Page - Motorola, Inc MDC3205 Datasheet HTML 5Page - Motorola, Inc MDC3205 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MDC3205
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Output Zener Breakdown Voltage
(@ IT = 10 mA Pulse)
V(BRout)
V(–BRout)
6.4
—
6.8
–0.7
7.2
—
V
Output Leakage Current @ 0 Input Voltage
(Vout = 5.5 Vdc, Vin = O.C., TA = 25°C)
(Vout = 5.5 Vdc, Vin = O.C., TA = 85°C)
IOO
—
—
—
—
5.0
30
µA
ON CHARACTERISTICS
Input Bias Current @ Vin = 4.0 Vdc
(IO = 250 mA, Vout = 0.4 Vdc, TA = –40°C)
(correlated to a measurement @ 25
°C)
Iin
—
2.5
—
mAdc
Output Saturation Voltage
(IO = 250 mA, Vin = 4.0 Vdc, TA = –40°C)
(correlated to a measurement @ 25
°C)
—
0.2
0.4
Vdc
Output Sink Current
 Continuous
(TA = –40°C, VCE = 0.4 Vdc, Vin = 4.0 Vdc )
(correlated to a measurement @ 25
°C)
IC(on)
250
—
—
mA
TYPICAL APPLICATION–DEPENDENT SWITCHING PERFORMANCE
SWITCHING CHARACTERISTICS
Characteristic
Symbol
VCC
Min
Typ
Max
Units
Propagation Delay Times:
High to Low Propagation Delay; Figures 1, 2 (5.0 V 74HC04)
Low to High Propagation Delay; Figures 1, 2 (5.0 V 74HC04)
High to Low Propagation Delay; Figures 1, 3 (3.0 V 74HC04)
Low to High Propagation Delay; Figures 1, 3 (3.0 V 74HC04)
High to Low Propagation Delay; Figures 1, 4 (5.0 V 74LS04)
Low to High Propagation Delay; Figures 1, 4 (5.0 V 74LS04)
tPHL
tPLH
tPHL
tPLH
tPHL
tPLH
5.5
5.5
5.5
5.5
5.5
5.5
—
—
—
—
—
—
55
430
85
315
55
2385
—
—
—
—
—
—
ns
Transition Times:
Fall Time; Figures 1, 2 (5.0 V 74HC04)
Rise Time; Figures 1, 2 (5.0 V 74HC04)
Fall Time; Figures 1, 3 (3.0 V 74HC04)
Rise Time; Figures 1, 3 (3.0 V 74HC04)
Fall Time; Figures 1, 4 (5.0 V 74LS04)
Rise Time; Figures 1, 4 (5.0 V 74LS04)
tf
tr
tf
tr
tf
tr
5.5
5.5
5.5
5.5
5.5
5.5
—
—
—
—
—
—
45
160
70
195
45
2400
—
—
—
—
—
—
ns
Input Slew Rate(1)
∆V/∆t in
5.5
TBD
—
—
V/ms
1. Minimum input slew rate must be followed to avoid overdissipating the device.
Figure 1. Switching Waveforms
Vout
GND
Vin
GND
VZ
VCC
VCC
tTHL
tTLH
tf
tr
tPLH
tPHL
90%
50%
10%
90%
50%
10%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com