Electronic Components Datasheet Search
  English  ▼

X  

1T397 Datasheet(PDF) 3 Page - Sony Corporation

Part # 1T397
Description  Variable Capacitance Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

1T397 Datasheet(HTML) 3 Page - Sony Corporation

  1T397 Datasheet HTML 1Page - Sony Corporation 1T397 Datasheet HTML 2Page - Sony Corporation 1T397 Datasheet HTML 3Page - Sony Corporation 1T397 Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
—3—
1T397
Diode capacitance vs. Ambient temperature
–20
0
20
40
60
80
1.03
1.02
1.01
1.00
0.99
0.98
VR=1V
VR=2V
VR=7V
VR=15V
VR=25V
Reverse current vs. Reverse voltage
0.100
0.010
0.001
0.0001
1
10
50
Ta=60°C
Ta=25°C
2
5
20
Ta=80°C
Thermal coeffcient of diode capacitance vs. Reverse voltage
VR - Reverse voltage (V)
1000
100
50
1
10
2
5
20
200
500
Ta - Ambient temperature (°C)
VR - Reverse voltage(V)
50



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com