Electronic Components Datasheet Search
  English  ▼

X  

BH1730FVC Datasheet(PDF) 2 Page - Rohm

Part # BH1730FVC
Description  Digital 16bit Serial Output Type Ambient Light Sensor IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH1730FVC Datasheet(HTML) 2 Page - Rohm

  BH1730FVC Datasheet HTML 1Page - Rohm BH1730FVC Datasheet HTML 2Page - Rohm BH1730FVC Datasheet HTML 3Page - Rohm BH1730FVC Datasheet HTML 4Page - Rohm BH1730FVC Datasheet HTML 5Page - Rohm BH1730FVC Datasheet HTML 6Page - Rohm BH1730FVC Datasheet HTML 7Page - Rohm BH1730FVC Datasheet HTML 8Page - Rohm BH1730FVC Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Technical Note
2/20
BH1730FVC
www.rohm.com
2012.02 - Rev.A
© 2012 ROHM Co., Ltd. All rights reserved.
●
Electrical Characteristics ( VCC = 3.0V, VDVI = 3.0V, Ta = 25℃, unless otherwise noted )
Parameter
Symbol
Limits
Units
Conditions
Min.
Typ.
Max.
Supply Current
Icc1
-
150
200
uA
Ev = 100 lx ※
1
CONTROL register(00h) = ”03h”
and the other registers are default.
Powerdown Current
Icc2
-
0.85
1.5
uA
No input Light
All registers are default.
Peak Wave Length in Type0
λp0
-
600
-
nm
Visible light response
Peak Wave Length in Type1
λp1
-
840
-
nm
Infrared light response
ADC count value in Type0
D1k_0
1020
1200
1380
count
EV = 1000 lx ※
1
TIMING register(01h) = “DAh”
GAIN register(07h) = “00h”
ADC count value in Type1
D1k_1
153
180
207
count
EV = 1000 lx ※
1
TIMING register(01h) = “DAh”
GAIN register(07h) = “00h”
Dark ( 0 lx ) Sensor out in Type0
S0_0
0
0
2
count
No input Light
TIMING register(01h) = “DAh”
GAIN register(07h) = “00h”
Dark ( 0 lx ) Sensor out in Type1
S0_1
0
0
2
count
No input Light
TIMING register(01h) = “DAh”
GAIN register(07h) = “00h”
Gain X1 resolution in Type0
rG1
-
0.83
-
lx/count TIMING register(01h) = “DAh” ※
1
Gain X2 resolution in Type0
rG2
-
0.42
-
lx/count TIMING register(01h) = “DAh” ※
1
Gain X64 resolution in Type0
rG64
-
0.014
-
lx/count TIMING register(01h) = “DAh” ※
1
Gain X128 resolution in Type0
rG128
-
0.007
-
lx/count TIMING register(01h) = “DAh” ※
1
Measurement Time
tmt1
-
100
150
ms
TIMING register(01h) = “DAh”
Incandescent / Fluorescent ratio
by calculating with Type0 and
Type1
rIF
-
1
-
times
EV = 1000 lx
INT Output ‘L’ Voltage
VINT
0
-
0.4
V
IINT = 3 mA
DVI Input ‘L’ Voltage
VDVL
-
-
0.4
V
SCL, SDA Input ‘H’ Voltage 1
VIH1
0.7*DVI
-
-
V
DVI ≧ 1.8V
SCL, SDA Input ‘H’ Voltage 2
VIH2
1.26
-
-
V
1.65V ≦ DVI <1.8V
SCL, SDA Input ‘L’ Voltage 1
VIL1
-
-
0.3*DVI
V
DVI ≧ 1.8V
SCL, SDA Input ‘L’ Voltage 2
VIL2
-
-
DVI–1.26
V
1.65V ≦ DVI < 1.8V
SCL, SDA, INT Input ‘H’ Current
IIH
-
-
10
µA
SCL, SDA, INT Input ‘L’ Current
IIL
-
-
10
µA
I
2C SCL Clock Frequency
fSCL
-
-
400
kHz
I
2C Bus Free Time
tBUF
1.3
-
-
µs
I
2C Hold Time ( repeated ) START
Condition
tHDSTA
0.6
-
-
µs
I
2C Set up time for a Repeated
START Condition
tSUSTA
0.6
-
-
µs
I
2C Set up time for STOP
Condition
tSUSTO
0.6
-
-
µs
I
2C Data Hold Time
tHDDAT
0
-
0.9
µs
I
2C Data Setup Time
tSUDAT
100
-
-
ns
I
2C ‘L’ Period of the SCL Clock
tLOW
1.3
-
-
µs
I
2C ‘H’ Period of the SCL Clock
tHIGH
0.6
-
-
µs
I
2C SDA Output ‘L’ Voltage
VOL
0
-
0.4
V
IOL = 3 mA
※
1 White LED is used as optical source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com