Electronic Components Datasheet Search
  English  ▼

X  

RACV30 Datasheet(PDF) 1 Page - Recom International Power

Part # RACV30
Description  30 Watt PFC Single CV
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACV30 Datasheet(HTML) 1 Page - Recom International Power

  RACV30 Datasheet HTML 1Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
152
50
42
160
22
22
cable
clamp
cable
clamp
Tc
17
33
1
www.recom-electronic.com
REV: 0/2012
RACV30
RoHS
2002/95/EC
6/6
LIGHTLINE
AC/DC-Converter
with 3 year Warranty
30 Watt PFC
Single CV
Output
Selection Guide
Input Voltage Range
90-264VAC or 140-370VDC
Input Frequency Range
47-63Hz
Input Current
(Full Load)
< 380mA
Power Factor Correction
(Full Load)
>0.92
Inrush Current
(2ms peak)
30A max.
Input Fuse
internal 2A/250V
Output Voltage Accuracy
(Output Load min <-> max)
±5%
Load Regulation
(Output Load min <-> max)
2% max.
Line Regulation
(VACin min <-> VACin max)
2% max.
Output Ripple
3% max.
Operating Frequency
≤125kHz
Isolation Voltage
3kVAC / 1 minute
Ambient Temperature Operating Range
-20°C~50°C
Humidity
85% RH max.
Case Material
Epoxy UL94V-0
Weight
RACV30-24
167g
RACV30-12
170g
Reliability
MIL STD 217F
30x10³ hours
EMC Standards
EN55015
FCC18A
Screw Terminal Specification
14AWG or 2.5mm²
Connector Plug Specification
5.5mm connector
Short Circuit Protection
Current Limit, Automatic Restart
Overload Protection
Full Load
110~160%
Overtemperature Protection
Tj=110°C
Automatic Restart
Specifications (typical at 25°C, nominal input voltage and full load)
● Constant Voltage Output
● cUL/CE Certified
● Power Factor Corrected
● Short Circuit, Overload and Overtemperature
Protected
Features
LED DRIVER
Part
Input Voltage
Output Voltage
Output Current
Efficiency
Number
typ.
(VAC)
(VDC)
(mA)
(%)
RACV30-24
100-240
24
0-1250
84
RACV30-12
100-240
12
0-2500
83
Package Style and Pinning
3rd angle
projection
EN-61347-2-13 Pending
cUL-8750 Certified
E340696
Please Read Application Notes


Similar Part No. - RACV30

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACV04 RECOM-RACV04 Datasheet
1Mb / 4P
low Standby Power, ErP conform
RACV04-12 RECOM-RACV04-12 Datasheet
1Mb / 4P
low Standby Power, ErP conform
RACV04-24 RECOM-RACV04-24 Datasheet
1Mb / 4P
low Standby Power, ErP conform
RACV06-12-LP RECOM-RACV06-12-LP Datasheet
464Kb / 4P
Terminal Block Input/Output with Cable Clamps
RACV06-24-LP RECOM-RACV06-24-LP Datasheet
464Kb / 4P
Terminal Block Input/Output with Cable Clamps
More results

Similar Description - RACV30

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD12 RECOM-RACD12 Datasheet
90Kb / 2P
12 Watt PFC Single Output
RACD20 RECOM-RACD20 Datasheet
86Kb / 2P
20 Watt PFC Single Output
RACD60 RECOM-RACD60 Datasheet
114Kb / 3P
60 Watt PFC Single Output
RACD60 RECOM-RACD60_11 Datasheet
148Kb / 4P
60 Watt PFC Single Output
RACD60_1104 RECOM-RACD60_1104 Datasheet
153Kb / 4P
60 Watt PFC Single Output
RACD20-350 RECOM-RACD20-350 Datasheet
134Kb / 2P
20 Watt PFC Single Output
RACD03-PSE RECOM-RACD03-PSE Datasheet
809Kb / 4P
3 Watt CC/CV Single Output
RACD35-A RECOM-RACD35-A Datasheet
114Kb / 2P
35 Watt PFC Single Output
RACD45-A RECOM-RACD45-A Datasheet
97Kb / 2P
45 Watt PFC Single Output
RACD60-A RECOM-RACD60-A Datasheet
98Kb / 2P
60 Watt PFC Single Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com