Electronic Components Datasheet Search
  English  ▼

X  

1T404 Datasheet(PDF) 4 Page - Sony Corporation

Part # 1T404
Description  Variable Capacitance Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

1T404 Datasheet(HTML) 4 Page - Sony Corporation

  1T404 Datasheet HTML 1Page - Sony Corporation 1T404 Datasheet HTML 2Page - Sony Corporation 1T404 Datasheet HTML 3Page - Sony Corporation 1T404 Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SONY CODE
EIAJ CODE
JEDEC CODE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE WEIGHT
EPOXY RESIN
SOLDER PLATING
COPPER
b
c
0.8 ± 0.1
10° MAX
c
b
0.11 ± 0.005
0.3 ± 0.025
BASE METAL
0.11 – 0.01
0.3 – 0.02
WITH PLATING
+ 0.05
+ 0.05
M-290
0.002g
M-290
—4—
1T404
Package Outline
Unit : mm
Mark
S4
1 : Cathode
2 : Anode
12



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com