Electronic Components Datasheet Search
  English  ▼

X  

TS2PCIE412 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TS2PCIE412
Description  4-CHANNEL 8:16 MULTIPLEXER/DEMULTIPLEXER PCI EXPRESS SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS2PCIE412 Datasheet(HTML) 3 Page - Texas Instruments

  TS2PCIE412 Datasheet HTML 1Page - Texas Instruments TS2PCIE412 Datasheet HTML 2Page - Texas Instruments TS2PCIE412 Datasheet HTML 3Page - Texas Instruments TS2PCIE412 Datasheet HTML 4Page - Texas Instruments TS2PCIE412 Datasheet HTML 5Page - Texas Instruments TS2PCIE412 Datasheet HTML 6Page - Texas Instruments TS2PCIE412 Datasheet HTML 7Page - Texas Instruments TS2PCIE412 Datasheet HTML 8Page - Texas Instruments TS2PCIE412 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TS2PCIE412
www.ti.com
SCDS269C – MARCH 2009 – REVISED APRIL 2010
ABSOLUTE MAXIMUM RATINGS
(1) (2)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD
Supply voltage range
–0.5
2.5
V
VIN
Control input voltage range(2) (3)
–0.5
2.5
V
VI/O
Switch I/O voltage range(2) (3) (4)
–0.5
2.5
V
IIK
Control input clamp current
VIN < GND
–50
mA
II/OK
I/O port clamp current
VI/O < GND
–50
mA
II/O
ON-state switch current(5)
100
mA
IDD
Continuous current through VDD
100
mA
IGND
Continuous current through GND
–100
mA
Tstg
Storage temperature range.
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to GND unless otherwise specifed.
(3)
The input voltage and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(4)
VI and VO are used to denote specific conditions for VI/O.
(5)
II and IO are used to denote specific conditions for II/O.
PACKAGE THERMAL IMPEDANCE
over operating free-air temperature range (unless otherwise noted)
UNIT
qJA
Package thermal impedance(1)
RUA package
51.2
°C/W
(1)
The package thermal impedance is calculated in accordance with JESD 51-7.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VDD
Supply voltage
1.5
1.8
2
V
VIH
High-level control input voltage (SEL)
0.65 × VDD
V
VIL
Low-level control input voltage (SEL)
0.35 × VDD
V
VIO
Switch input/output voltage
0
VDD
V
TA
Operating free air temperature
0
85
°C
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TS2PCIE412



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com