Electronic Components Datasheet Search
  English  ▼

X  

1T407 Datasheet(PDF) 1 Page - Sony Corporation

Part # 1T407
Description  Variable Capacitance Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

1T407 Datasheet(HTML) 1 Page - Sony Corporation

  1T407 Datasheet HTML 1Page - Sony Corporation 1T407 Datasheet HTML 2Page - Sony Corporation 1T407 Datasheet HTML 3Page - Sony Corporation 1T407 Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
—1—
E95920-TE
Absolute Maximum Ratings (Ta=25 °C)
• Reverse voltage
VR
34
V
• Operating temperature
Topr
–20 to +75
°C
• Storage temperature
Tstg
–65 to +150
°C
Description
The 1T407 is a variable capacitance diode
designed for electronic tuning of wide-band CATV
tuners using a super-small-miniature flat package
(SSVC).
Features
• Super-small-miniature flat package
• Low series resistance:
1.1
Ω Max. (f=470 MHz)
• Large capacitance ratio: 15.5 Typ.
(C2/C25)
21.5 Min.
(C1/C28)
1.03 Min.
(C25/C28)
• Small leakage current:
10 nA Max. (VR=28 V)
• Capacitance deviation in a matching group:
within 2 %
Applications
Electronic tuning of wide-band CATV tuners
Structure
Silicon epitaxial planar type diode
Variable Capacitance Diode
1T407
M-290
Electrical Characteristics
(Ta=25 °C)
Item
Reverse current
Reverse voltage
Diode capacitance
Capacitance ratio
Series resistance
Capacitance
deviation in a
matching group
Symbol
IR
VR
C2
C25
C2/C25
C1/C28
C25/C/28
rs
∆C
Conditions
VR=28 V
IR=1 µA
VR=2 V, f=1 MHz
VR=25 V, f=1 MHz
CD=14 pF, f=470 MHz
VR=1 to 28 V, f= MHz
Min.
34
42.86
2.56
14.5
21.5
1.03
Typ.
15.5
Max.
10
50.96
2.99
1.1
2
Unit
nA
V
pF
pF
Ω
%
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.


Similar Part No. - 1T407

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
1T402 SONY-1T402 Datasheet
52Kb / 4P
Variable Capacitance Diode
1T403 SONY-1T403 Datasheet
52Kb / 4P
Variable Capacitance Diode
1T404 SONY-1T404 Datasheet
52Kb / 4P
Variable Capacitance Diode
1T404A SONY-1T404A Datasheet
42Kb / 4P
Variable Capacitance Diode
1T405 SONY-1T405 Datasheet
55Kb / 4P
Variable Capacitance Diode
More results

Similar Description - 1T407

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
KV1360NT TOKO-KV1360NT Datasheet
45Kb / 4P
VARIABLE CAPACITANCE DIODE
KV1430 TOKO-KV1430 Datasheet
35Kb / 4P
VARIABLE CAPACITANCE DIODE
KV1440 TOKO-KV1440 Datasheet
35Kb / 4P
VARIABLE CAPACITANCE DIODE
KV1471K TOKO-KV1471K Datasheet
23Kb / 4P
VARIABLE CAPACITANCE DIODE
logo
Sony Corporation
1T368A SONY-1T368A Datasheet
40Kb / 4P
Variable Capacitance Diode
1T399 SONY-1T399 Datasheet
46Kb / 4P
Variable Capacitance Diode
1T404 SONY-1T404 Datasheet
52Kb / 4P
Variable Capacitance Diode
1T411 SONY-1T411 Datasheet
47Kb / 4P
Variable Capacitance Diode
logo
Toshiba Semiconductor
1SV162 TOSHIBA-1SV162 Datasheet
34Kb / 1P
VARIABLE CAPACITANCE DIODE
logo
AUK corp
SDV708Q AUK-SDV708Q_1 Datasheet
174Kb / 3P
Variable Capacitance Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com