Electronic Components Datasheet Search
  English  ▼

X  

1T409 Datasheet(PDF) 4 Page - Sony Corporation

Part # 1T409
Description  Variable Capacitance Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

1T409 Datasheet(HTML) 4 Page - Sony Corporation

  1T409 Datasheet HTML 1Page - Sony Corporation 1T409 Datasheet HTML 2Page - Sony Corporation 1T409 Datasheet HTML 3Page - Sony Corporation 1T409 Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SO N Y C O D E
EIAJ C O D E
JED EC C O D E
PAC KAG E M ATER IAL
LEAD TR EATM EN T
LEAD M ATER IAL
PAC KAG E W EIG H T
EPO XY R ESIN
SO LD ER PLATIN G
C O PPER
b
c
0.8 }0.1
10 KM AX
c
b
0.11 }0.005
0.3 }0.025
BASE M ETAL
0.11
|0.01
0.3
|0.02
W ITH PLATIN G
{0.05
{0.05
M -290
0.002g
M -290
Package Outline
Unit : mm
1T409
—4—
Mark
S9
1
2
1 : Cathode
2 : Anode



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com