Electronic Components Datasheet Search
  English  ▼

X  

FDN302P Datasheet(PDF) 12 Page - Texas Instruments

Part # FDN302P
Description  Contains all support circuitry needed for the ADS1148/ADS1248
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDN302P Datasheet(HTML) 12 Page - Texas Instruments

Back Button FDN302P Datasheet HTML 8Page - Texas Instruments FDN302P Datasheet HTML 9Page - Texas Instruments FDN302P Datasheet HTML 10Page - Texas Instruments FDN302P Datasheet HTML 11Page - Texas Instruments FDN302P Datasheet HTML 12Page - Texas Instruments FDN302P Datasheet HTML 13Page - Texas Instruments FDN302P Datasheet HTML 14Page - Texas Instruments FDN302P Datasheet HTML 15Page - Texas Instruments FDN302P Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
+5VA
-5VA
+5VD
+3.3V
+1.8V
+10V
-10V
PWR&VREF
USB
USB
RESET
DAC1220
TUSB3410
MSP430F449
+1
-1
DAC
IN
OUT
Analog
Daughtercard
Modular
Connectors
Power
Powerfrom
PWR&VREFBlock
Serial
Joystick
RESET
OPER
LCDDISPLAY
BSL
2.5V
Suppliedto
Daughtercard
PowerConnector
ADS1248EVM-PDK Kit Operation
www.ti.com
Figure 8. MMB3 Block Diagram
The MMB3 was designed to be used as a stand-alone demonstration platform for low-speed data
converters. It features an onboard, 20-bit digital-to-analog converter (DAC) that can be used as a signal
source for an ADC under test, and has a joystick for control of functions on the board when it is not
controlled by a PC. These features are experimental and not supported in the ADS1248EVM-PDK at
this time.
The MMB3 derives power from the USB interface, and generates +5VD, 3.3V, and 1.8V, as well as +5VA
and
–5VA and ±10V. The ±10V is supplied to the daughtercard power connector as +VA and –VA.
The MMB3 is not sold as a microcontroller development board, and it is not available separately. TI cannot
offer support for the MMB3 except as part of an EVM kit. For schematics or other information about the
MMB3, contact Texas Instruments.
8.3
EVM Power Supply
The ADS1248EVM-PDK is powered completely from the USB connection on the MMB3. The MMB3
provides 3.3V and
±5V to the ADS1248EVM.
8.4
Running the Software and Download of Firmware to MMB3
NOTE:
The software is continually under development. These instructions and screen images are
current at the time of this writing, but may not exactly match future releases.
The program for evaluating the ADS1248EVM-PDK is called ADCPro. This program uses plug-ins to
communicate with the EVM. The ADS1248EVM-PDK plug-in is included in the ADS1248EVM-PDK
package.
12
ADS1148EVM, ADS1248EVM, ADS1148EVM-PDK, and ADS1248EVM-PDK
SBAU142B
– April 2009 – Revised May 2011
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com