Electronic Components Datasheet Search
  English  ▼

X  

KBPC15005 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # KBPC15005
Description  Silicon Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

KBPC15005 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  KBPC15005 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd KBPC15005 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
a
1
2
11.2± 0.3
7.6± 0.3
16.5± 1.0
28.5± 0.5
φ
5.9
TYP
.
14.3± 1.0
6.4× 0.8
Rating to 1000V PRV
300 amperes surge capability
High efficiency
Electrically isolated metal case for maximum heat
dissipation
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
KBPC
1502
KBPC
1504
KBPC
1506
KBPC
1508
KBPC
1510
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forw ard
Output current
@T
A=25
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
Maximum instantaneous forw ard voltage
@ 7.5 A
VF
V
Maximum reverse current
@T
A=25
μA
at rated DC blocking voltage
@T
A=100
mA
Operating junction temperature range
TJ
Storage temperature range
TSTG
- 55 ---- + 150
- 55 ---- + 125
IR
A
100
70
VOLTAGE RANGE: 50 --- 1000 V
CURRENT: 15.0 A
35
50
KBPC
IFSM
A
10.0
Mounting: thru hole for # 8 screw mounting
IF(AV)
15.0
KBPC
15005
KBPC
1501
50
100
1.1
1.0
300.0
Dimensions in millimeters
KBPC15005-KBPC1510
Silicon Bridge Rectifiers
Features
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - KBPC15005

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
KBPC15005 WINGS-KBPC15005 Datasheet
220Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 15Amperes)
logo
Semtech Corporation
KBPC15005 SEMTECH-KBPC15005 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC15005 SSE-KBPC15005 Datasheet
17Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC15005 CHENYI-KBPC15005 Datasheet
174Kb / 2P
SINGLE PHASE SILICON SINGLE PHASE SILICON
logo
Dc Components
KBPC15005 DCCOM-KBPC15005 Datasheet
431Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC15005

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com