Electronic Components Datasheet Search
  English  ▼

X  

LM723 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM723
Description  Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM723 Datasheet(HTML) 2 Page - Texas Instruments

  LM723 Datasheet HTML 1Page - Texas Instruments LM723 Datasheet HTML 2Page - Texas Instruments LM723 Datasheet HTML 3Page - Texas Instruments LM723 Datasheet HTML 4Page - Texas Instruments LM723 Datasheet HTML 5Page - Texas Instruments LM723 Datasheet HTML 6Page - Texas Instruments LM723 Datasheet HTML 7Page - Texas Instruments LM723 Datasheet HTML 8Page - Texas Instruments LM723 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LM723/LM723C
Voltage Regulator
General Description
The LM723/LM723C is a voltage regulator designed prima-
rily for series regulator applications. By itself, it will supply
output currents up to 150 mA; but external transistors can be
added to provide any desired load current. The circuit fea-
tures extremely low standby current drain, and provision is
made for either linear or foldback current limiting.
The LM723/LM723C is also useful in a wide range of other
applications such as a shunt regulator, a current regulator or
a temperature controller.
The LM723C is identical to the LM723 except that the
LM723C has its performance guaranteed over a 0˚C to
+70˚C temperature range, instead of −55˚C to +125˚C.
Features
n
150 mA output current without external pass transistor
n
Output currents in excess of 10A possible by adding
external transistors
n
Input voltage 40V max
n
Output voltage adjustable from 2V to 37V
n
Can be used as either a linear or a switching regulator
Connection Diagrams
Dual-In-Line Package
Metal Can Package
00856302
Top View
Order Number LM723J/883 or LM723CN
See NS Package J14A or N14A
00856303
Note: Pin 5 connected to case.
Top View
Order Number LM723H, LM723H/883 or LM723CH
See NS Package H10C
00856320
Top View
Order Number LM723E/883
See NS Package E20A
June 1999
© 2004 National Semiconductor Corporation
DS008563
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com