Electronic Components Datasheet Search
  English  ▼

X  

SN74HC166AIDREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC166AIDREP
Description  8-BIT PARALLEL-LOAD SHIFT REGISTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC166AIDREP Datasheet(HTML) 4 Page - Texas Instruments

  SN74HC166AIDREP Datasheet HTML 1Page - Texas Instruments SN74HC166AIDREP Datasheet HTML 2Page - Texas Instruments SN74HC166AIDREP Datasheet HTML 3Page - Texas Instruments SN74HC166AIDREP Datasheet HTML 4Page - Texas Instruments SN74HC166AIDREP Datasheet HTML 5Page - Texas Instruments SN74HC166AIDREP Datasheet HTML 6Page - Texas Instruments SN74HC166AIDREP Datasheet HTML 7Page - Texas Instruments SN74HC166AIDREP Datasheet HTML 8Page - Texas Instruments SN74HC166AIDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SN74HC166AEP
8BIT PARALLELLOAD SHIFT REGISTER
SCLS559 − JANUARY 2004
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2
5
6
V
VCC = 2 V
1.5
VIH
High-level input voltage
VCC = 4.5 V
3.15
V
VIH
High-level input voltage
VCC = 6 V
4.2
V
VCC = 2 V
0.5
VIL
Low-level input voltage
VCC = 4.5 V
1.35
V
VIL
Low-level input voltage
VCC = 6 V
1.8
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
VCC = 2 V
1000
∆t/∆v† Input transition rise/fall time
VCC = 4.5 V
500
ns
∆t/∆v† Input transition rise/fall time
VCC = 6 V
400
ns
TA
Operating free-air temperature
−40
85
°C
† If this device is used in the threshold region (from VILmax = 0.5 V to VIHmin = 1.5 V), there is a potential to go into the wrong state from induced
grounding, causing double clocking. Operating with the inputs at tt = 1000 ns and VCC = 2 V does not damage the device; however, functionally,
the CLK inputs are not ensured while in the shift, count, or toggle operating modes.
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
2 V
1.9
1.998
1.9
IOH = −20 µA
4.5 V
4.4
4.499
4.4
VOH
VI = VIH or VIL
IOH = −20 µA
6 V
5.9
5.999
5.9
V
VOH
VI = VIH or VIL
IOH = −4 mA
4.5 V
3.98
4.3
3.84
V
IOH = −5.2 mA
6 V
5.48
5.8
5.34
2 V
0.002
0.1
0.1
IOL = 20 µA
4.5 V
0.001
0.1
0.1
VOL
VI = VIH or VIL
IOL = 20 µA
6 V
0.001
0.1
0.1
V
VOL
VI = VIH or VIL
IOL = 4 mA
4.5 V
0.17
0.26
0.33
V
IOL = 5.2 mA
6 V
0.15
0.26
0.33
II
VI = VCC or 0
6 V
±0.1
±100
±1000
nA
ICC
VI = VCC or 0,
IO = 0
6 V
8
80
µA
Ci
2 V to 6 V
3
10
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com