Electronic Components Datasheet Search
  English  ▼

X  

STD Datasheet(PDF) 4 Page - Texas Instruments

Part # STD
Description  TPS7A1601EVM-046
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 4 Page - Texas Instruments

  STD Datasheet HTML 1Page - Texas Instruments STD Datasheet HTML 2Page - Texas Instruments STD Datasheet HTML 3Page - Texas Instruments STD Datasheet HTML 4Page - Texas Instruments STD Datasheet HTML 5Page - Texas Instruments STD Datasheet HTML 6Page - Texas Instruments STD Datasheet HTML 7Page - Texas Instruments STD Datasheet HTML 8Page - Texas Instruments STD Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Iout
Vout
Iout
Vout
PG
EN
Thermal Guidelines and Layout Recommendations
www.ti.com
Figure 2. Load Step and Transient Response
4.3
Power Good
Figure 3 shows the operation of the Power Good (PG) output. Vin (6 V) is present and the chip is enabled
(c1, gold) The PG output (C3, blue) goes HIGH approximately 1.5 ms after Vout (C2, red) goes into
regulation.
Figure 3. Power Good Operation
5
Thermal Guidelines and Layout Recommendations
Thermal management is a key component of design for any power converter and is especially important
when the power dissipation in the LDO regulator is high. Use the following formula to approximate the
maximum power dissipation for the particular ambient temperature:
T
J = TA + PD × θJA
4
TPS7A1601EVM-046
SLVU549
– December 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com