Electronic Components Datasheet Search
  English  ▼

X  

STD Datasheet(PDF) 2 Page - Texas Instruments

Part # STD
Description  TPS826xxEVM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 2 Page - Texas Instruments

  STD Datasheet HTML 1Page - Texas Instruments STD Datasheet HTML 2Page - Texas Instruments STD Datasheet HTML 3Page - Texas Instruments STD Datasheet HTML 4Page - Texas Instruments STD Datasheet HTML 5Page - Texas Instruments STD Datasheet HTML 6Page - Texas Instruments STD Datasheet HTML 7Page - Texas Instruments STD Datasheet HTML 8Page - Texas Instruments STD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Introduction
www.ti.com
1
Introduction
The TPS82671, TPS82672, TPS82675, TPS82690 and TPS82695 devices are series of high-frequency,
synchronous, step-down dc-dc converters optimized for battery-powered portable applications. Intended
for low-power applications, the TPS8267x support up to 600-mA load current and the TPS8269 support up
to 500-mA and all allow the use of low-cost chip inductors and capacitors. With a wide input voltage range
of 2.3 V to 4.8 V, the devices support applications powered by lithium-ion (Li-Ion) batteries with extended
voltage ranges. Different fixed voltage output versions of the TPS826xx are available. These converters
operate at a regulated 5.5-MHz (TPS8267x) and 4-MHz (TPS8269x) switching frequency and enter a
power-save mode operation under light load currents in order to maintain high efficiency over the entire
load current range. A PFM mode extends the battery life by reducing the quiescent current to 17
µA (typ)
during light load operation.
1.1
Features
•
Input voltage range: 2.3 V up to 4.8 V
•
Fixed output voltages
•
Up to 600-mA output current (TPS8267x)
•
Up to 500-mA output current (TPS8269x)
•
5.5-MHz regulated frequency operation (TPS8267x)
•
4-MHz regulated frequency operation (TPS8269x)
•
Output capacitor discharge (optional)
•
Total solution size:
< 6.7 mm
2
1.2
Applications
•
Cell phones, smart phones
•
WLAN, GPS, and Bluetooth® applications
•
DTV tuners
•
Point-of-Load (PoL) applications
1.3
EVM Ordering Options
Table 1 provides the ordering information for the various EVM options.
Table 1. Ordering Information
Maximum Output
Orderable EVM Number
Device Part Number
Output Voltage
Current
TPS82671EVM-646
TPS82671
1.8 V
600 mA
TPS82672EVM-646
TPS82672
1.5 V
600 mA
TPS82675EVM-646
TPS82675
1.2 V
600 mA
TPS82690EVM-646
TPS82690
2.8 V
500 mA
TPS82695EVM-646
TPS82695
2.5 V
500 mA
2
TPS826xxEVM
SLVU383D
– October 2010 – Revised November 2011
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com