Electronic Components Datasheet Search
  English  ▼

X  

PWR103 Datasheet(PDF) 6 Page - Texas Instruments

Part # PWR103
Description  TPS54120EVM, Low Noise 1A Power Supply Evaluation Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PWR103 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PWR103 Datasheet HTML 2Page - Texas Instruments PWR103 Datasheet HTML 3Page - Texas Instruments PWR103 Datasheet HTML 4Page - Texas Instruments PWR103 Datasheet HTML 5Page - Texas Instruments PWR103 Datasheet HTML 6Page - Texas Instruments PWR103 Datasheet HTML 7Page - Texas Instruments PWR103 Datasheet HTML 8Page - Texas Instruments PWR103 Datasheet HTML 9Page - Texas Instruments PWR103 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Test Results
www.ti.com
4.3
Output Turn On
Figure 3 shows the SW output voltage turn-on from SW enable for the TPS54120EVM with Vin = 12V, SW
OUT = 4.1V, LDO OUT = 3.3V, and Iout = 400mA, Fswitching = 480kHz.
Figure 3. Switcher Converter Output Voltage Turn-on, SW Enable
Figure 4 shows the LDO output voltage turn-on from LDO enable for the TPS54120EVM with Vin = 12V,
SW OUT = 4.1V, LDO OUT = 3.3V, and Iout = 400mA, Fswitching = 480kHz.
Figure 4. LDO Output Voltage Turn-on, LDO Enable
6
TPS54120EVM, Low Noise 1A Power Supply Evaluation Module
SLVU641
– January 2012
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com