Electronic Components Datasheet Search
  English  ▼

X  

CXA1102M Datasheet(PDF) 5 Page - Sony Corporation

Part # CXA1102M
Description  DOLBY B TYPE NOISE REDUCTION SYSTEM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1102M Datasheet(HTML) 5 Page - Sony Corporation

  CXA1102M Datasheet HTML 1Page - Sony Corporation CXA1102M Datasheet HTML 2Page - Sony Corporation CXA1102M Datasheet HTML 3Page - Sony Corporation CXA1102M Datasheet HTML 4Page - Sony Corporation CXA1102M Datasheet HTML 5Page - Sony Corporation CXA1102M Datasheet HTML 6Page - Sony Corporation CXA1102M Datasheet HTML 7Page - Sony Corporation CXA1102M Datasheet HTML 8Page - Sony Corporation CXA1102M Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
– 5 –
CXA1100/CXA1101/CXA1102/CXA1163
Electrical Characteristics
Ta = 25°C, Dolby Level: –10dBm ( = 245mVrms) at REC OUT
VCC = 15V (CXA1100), VCC = 12V (CXA1101), VCC = 9V (CXA1102)
VCC = 6V (CXA1163)
Item
Symbol
R/P
NR
f (Hz) Other Conditions
Test Condition∗
Min.
Typ.
Max.
Unit
Operating voltage
CXA1100
CXA1101
CXA1102
CXA1163
Supply current
CXA1100
CXA1101
CXA1102
CXA1163
LINE OUT level
CXA1100
CXA1101
CXA1102
CXA1163
REC IN level
PB IN level
Encode characteristics
(Boost)
(1)
(2)
(3)
(4)
(5)
Signal handling
CXA1100
CXA1101
CXA1102
CXA1163
Vopr
ICC
Vlout
Vrin
Vpin
B-R-1
B-R-2
B-R-3
B-R-4
B-R-5
Vomax
—
R
R
R
P
R
R
R
R
R
R
—
OFF
OFF
OFF
OFF
ON
ON
ON
ON
ON
OFF
—
—
1k
1k
1k
500
2k
5k
10k
10k
1k
Signal Handling
≥ 12dB
No signal
–25dB
–25dB
–25dB
–40dB
0dB
THD = 1%
11.5
8.5
6.5
5.0
3.5
3.5
3.5
3.5
–1.0
–4.0
–7.0
–11.0
–32
–32
1.4
5.5
3.9
9.7
–1.1
13.5
14.0
14.0
13.0
—
—
—
—
5.6
5.5
5.3
5.1
0.0
–3.0
–6.0
–10.0
–30
–30
2.9
7.0
5.4
10.4
0.4
15.3
15.9
15.9
15.0
16.0
16.0
16.0
16.0
7.5
7.5
7.5
7.5
1.0
–2.0
–5.0
–9.0
–28
–28
4.4
8.5
6.9
11.9
1.9
—
—
—
—
V
V
V
V
mA
mA
mA
mA
dBm
dBm
dBm
dBm
dBm
dBm
dB
dB
dB
dB
dB
dB
dB
dB
dB
0dBm = 0.775Vrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com