Electronic Components Datasheet Search
  English  ▼

X  

MJF122 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MJF122
Description  COMPLEMENTARY SILICON POWER DARLINGTONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJF122 Datasheet(HTML) 3 Page - Motorola, Inc

  MJF122 Datasheet HTML 1Page - Motorola, Inc MJF122 Datasheet HTML 2Page - Motorola, Inc MJF122 Datasheet HTML 3Page - Motorola, Inc MJF122 Datasheet HTML 4Page - Motorola, Inc MJF122 Datasheet HTML 5Page - Motorola, Inc MJF122 Datasheet HTML 6Page - Motorola, Inc MJF122 Datasheet HTML 7Page - Motorola, Inc MJF122 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MJF122 MJF127
3
Motorola Bipolar Power Transistor Device Data
0
80
60
40
20
4
3
2
1
TA TC
0
Figure 3. Maximum Power Derating
T, TEMPERATURE (
°C)
40
60
100
120
160
80
140
TC
20
t, TIME (ms)
0.01
0.1
0.5
10
20
50
100
200
500
5K
10K
1
5
2
1
0.2
0.1
0.05
SINGLE PULSE
R
θJC(t) = r(t) RθJC
TJ(pk) – TC = P(pk) R
θJC(t)
Figure 4. Thermal Response
0.5
0.3
0.03
0.02
0.2
1K
2K
30
300
3
0.3
3K
TA
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
Figure 5. Maximum Forward Bias
Safe Operating Area
1
10
1
30
CURRENT LIMIT
SECONDARY BREAKDOWN
LIMIT
THERMAL LIMIT @
TC = 25°C (SINGLE PULSE)
0.1
2
3
50
3
0.3
10
0.2
dc
TJ = 150°C
1 ms
5 ms
100
µs
2
5
0.5
5
100
20
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 5 is based on TJ(pk) = 150_C; TC is
variable depending on conditions. Secondary breakdown
pulse limits are valid for duty cycles to 10% provided TJ(pk)
< 150
_C. TJ(pk) may be calculated from the data in Figure 4.
At high case temperatures, thermal limitations will reduce the
power that can be handled to values less than the limitations
imposed by secondary breakdown.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com