Electronic Components Datasheet Search
  English  ▼

X  

LT455HTW Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # LT455HTW
Description  Ceramic Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

LT455HTW Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  LT455HTW Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd LT455HTW Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd LT455HTW Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SHENZHEN LUGUANG ELECTRONIC TECHNOLOGY CO.,LTD.
R.F.V.M.
(RADIO FREQUENCY VOLTAGE METER)
Rg+R1=R2=2.0KΩ
C﹤=50PF
5.
DIMENSIONS(mm)
6.
ENVIRONMENTAL CHARACTERISTICS
6-1
HIGH TEMPERATURE EXPOSURE
SUBJECT THE
FITTER TO +80℃ FOR 96 HOURS. THEN RELEASE THE
FILTER
INTO
THE SPECIFICATIONS IN TABLE 1.
6-2
MOISURE
KEEP THE
FILTER
AT 40℃ AND 95%RHFOR 96 HOURS.THEN
RELEASE
THE FILTER INTO THE
ROOM
CONDITIONS
FOR
1
TO
2
HOURS
PRIOR TO THE MEASUREMENT. IT
SHALL FULFILL
THE
SPECIFICATIONS IN TABLE 1.
6-3
LOW TEMPERATURE EXPOSURE
SUBJECT THE
FILTER TO -20℃ FOR 96 HOURS.
THEN RELEASE THE
FILTER INTO THE ROOM CONDITIONS FOR 1 TO 2 HOURS PRIOR
TO
THE MEASUREMENT. IT SHALL
FULFILL
THE SPECIFIC ATIONS IN
TABLE 1.
LT455HTW
Ceramic Filter



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com