Electronic Components Datasheet Search
  English  ▼

X  

CSDXXX60 Datasheet(PDF) 5 Page - Cree, Inc

Part # CSDXXX60
Description  Introducing SiC Schottky Diode
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CSDXXX60 Datasheet(HTML) 5 Page - Cree, Inc

  CSDXXX60 Datasheet HTML 1Page - Cree, Inc CSDXXX60 Datasheet HTML 2Page - Cree, Inc CSDXXX60 Datasheet HTML 3Page - Cree, Inc CSDXXX60 Datasheet HTML 4Page - Cree, Inc CSDXXX60 Datasheet HTML 5Page - Cree, Inc CSDXXX60 Datasheet HTML 6Page - Cree, Inc CSDXXX60 Datasheet HTML 7Page - Cree, Inc CSDXXX60 Datasheet HTML 8Page - Cree, Inc CSDXXX60 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Revolutionizing the power semiconductors
2002
First 600V
commercial
SiC Schottky
2007
Cree converts
to 100mm
wafers for
2009
Fraunhoefer
Inst. Shows
world
’s best
2010
First 1700V
Schottky diodes
2011
First SiC
MOSFET
80mΩ, 1200V
diode
2006
First 1200V
Power
solar inverter
efficiency,
>98% with
Cree SiC
devices
Cree
demonstrates
first 150mm
SiC wafer
Copyright © 2011, Cree, Inc.
pg. 5
SiC Schottky
diode
devices
SiC wafer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com