Electronic Components Datasheet Search
  English  ▼

X  

LMV321 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # LMV321
Description  GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LMV321 Datasheet(HTML) 2 Page - Diodes Incorporated

  LMV321_11 Datasheet HTML 1Page - Diodes Incorporated LMV321_11 Datasheet HTML 2Page - Diodes Incorporated LMV321_11 Datasheet HTML 3Page - Diodes Incorporated LMV321_11 Datasheet HTML 4Page - Diodes Incorporated LMV321_11 Datasheet HTML 5Page - Diodes Incorporated LMV321_11 Datasheet HTML 6Page - Diodes Incorporated LMV321_11 Datasheet HTML 7Page - Diodes Incorporated LMV321_11 Datasheet HTML 8Page - Diodes Incorporated LMV321_11 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LMV321/LMV358/LMV324
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL
OUTPUT OPERATIONAL AMPLIFIERS
LMV321/358/324
Document number: DS33196 Rev. 6 - 2
2 of 16
www.diodes.com
February 2011
© Diodes Incorporated
Absolute Maximum Ratings (Note 2)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD Protection
LMV321
4.0
KV
LMV358
4.0
LMV324
4.5
ESD MM
Machine Model ESD Protection
LMV321
350
V
LMV358
350
LMV324
250
Differential Input Voltage
±Supply Voltage
V
V
+ -V-
Supply Voltage
5.5
V
Output Short Circuit to V
+
(Note 3)
Output Short Circuit to V
-
(Note 4)
TST
Storage Temperature
-65 to 150
°C
TJ
Maximum Junction Temperature
150
°C
Notes:
2. Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the
device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the
Electrical Characteristics.
3. Shorting output to V+ will adversely affect reliability.
4. Shorting output to V- will adversely affect reliability.
Recommended Operating Conditions
Symbol
Description
Rating
Unit
V
+ -V-
Supply Voltage
2.7 to 5.5
V
TA
Operating Ambient Temperature Range
-40 to +85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com