Electronic Components Datasheet Search
  English  ▼

X  

S25FL032P Datasheet(PDF) 49 Page - SPANSION

Part # S25FL032P
Description  32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL032P Datasheet(HTML) 49 Page - SPANSION

Back Button S25FL032P Datasheet HTML 45Page - SPANSION S25FL032P Datasheet HTML 46Page - SPANSION S25FL032P Datasheet HTML 47Page - SPANSION S25FL032P Datasheet HTML 48Page - SPANSION S25FL032P Datasheet HTML 49Page - SPANSION S25FL032P Datasheet HTML 50Page - SPANSION S25FL032P Datasheet HTML 51Page - SPANSION S25FL032P Datasheet HTML 52Page - SPANSION S25FL032P Datasheet HTML 53Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
September 21, 2012 S25FL032P_00_07
S25FL032P
49
Data
Sheet
9.22
OTP Program (OTPP)
The OTP Program command programs data in the OTP region, which is in a different address space from the
main array data. Refer to, OTP Regions on page 50 for details on the OTP region. The protocol of the OTP
Program command is the same as the Page Program command, except that the OTP Program command
requires exactly one byte of data; otherwise, the command will be ignored. To program the OTP in bit
granularity, the rest of the bits within the data byte can be set to “1”.
The OTP memory space can be programmed one or more times, provided that the OTP memory space is not
locked (as described in “Locking OTP Regions”). Subsequent OTP programming can be performed only on
the unprogrammed bits (that is, “1” data).
Note: The Write Enable (WREN) command must precede the OTPP command before programming of the
OTP can occur.
Figure 9.26 OTP Program Instruction Sequence
9.23
Read OTP Data Bytes (OTPR)
The Read OTP Data Bytes command reads data from the OTP region. Refer to “OTP Regions” for details on
the OTP region. The protocol of the Read OTP Data Bytes command is the same as the Fast Read Data
Bytes command except that it will not wrap to the starting address after the OTP address is at its maximum;
instead, the data will be indeterminate.
Figure 9.27 Read OTP Instruction Sequence
1
3
2
10
9
8
7
6
5
4
0
31
30
29
28
Instruction
24 Bit
Address
23
21
22
1
3
2
0
36
35
34
33
32
39
38
37
1
3
2
0
7
6
5
4
Data Byte 1
SCK
SI
MSB
MSB
CS#
1
30
1
29
8
7
6
5
41
3
030
29
28
Instruction
24 Bit
Address
23
21
22
1
32
0
1
32
0
76
5
4
36
35
34
33
9
3
2
338
37
1
32
0
76
5
4
Dummy Byte
44
43
42
41
7
4
0
446
45
DATA OUT 1
DATA OUT 2
SCK
SI
SO
MSB
High Impedance
7
MSB
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com