Electronic Components Datasheet Search
  English  ▼

X  

SFH4730 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH4730
Description  OSRAM OSTAR Observation (850nm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4730 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH4730_12 Datasheet HTML 1Page - OSRAM GmbH SFH4730_12 Datasheet HTML 2Page - OSRAM GmbH SFH4730_12 Datasheet HTML 3Page - OSRAM GmbH SFH4730_12 Datasheet HTML 4Page - OSRAM GmbH SFH4730_12 Datasheet HTML 5Page - OSRAM GmbH SFH4730_12 Datasheet HTML 6Page - OSRAM GmbH SFH4730_12 Datasheet HTML 7Page - OSRAM GmbH SFH4730_12 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2010-12-15
2
SFH 4730, SFH 4740
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
B, op , TB, stg
– 40
… + 125
°C
Sperrschichttemperatur
Junction temperature
T
J
+ 145
°C
Sperrspannung
Reverse voltage
V
R
0.5
V
Vorwärtsgleichstrom, T
B
1)
≤ 90 °C
Forward current
I
F
1
A
Stoßstrom,
t
p < 3 ms, D = 0
Surge current
I
FSM
5
A
Leistungsaufnahme, T
B ≤ 90 °C
Power consumption
P
tot
19
W
Thermische Verlustleistung, T
B ≤ 90 °C
Thermal power-dissipation
P
th
15.4
W
Wärmewiderstand Sperrschicht / Bodenplatte
Thermal resistance Junction / Base plate
R
thJB
2.8
K/W
1)
T
B = Temperatur auf der Rückseite der Metallkernplatine / Temperature at the backside of the base plate.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com