Electronic Components Datasheet Search
  English  ▼

X  

FM33256B Datasheet(PDF) 19 Page - Ramtron International Corporation

Part # FM33256B
Description  3V Integrated Processor Companion with F-RAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM33256B Datasheet(HTML) 19 Page - Ramtron International Corporation

Back Button FM33256B Datasheet HTML 15Page - Ramtron International Corporation FM33256B Datasheet HTML 16Page - Ramtron International Corporation FM33256B Datasheet HTML 17Page - Ramtron International Corporation FM33256B Datasheet HTML 18Page - Ramtron International Corporation FM33256B Datasheet HTML 19Page - Ramtron International Corporation FM33256B Datasheet HTML 20Page - Ramtron International Corporation FM33256B Datasheet HTML 21Page - Ramtron International Corporation FM33256B Datasheet HTML 22Page - Ramtron International Corporation FM33256B Datasheet HTML 23Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
FM33256B SPI Companion w/ FRAM
This product conforms to specifications per the terms of the Ramtron
Ramtron International Corporation
standard warranty. The product has completed Ramtron’s internal
1850 Ramtron Drive, Colorado Springs, CO 80921
qualification testing and has reached production status.
(800) 545-FRAM, (719) 481-7000
www.ramtron.com
Rev. 3.0
Aug. 2012
Page 19 of 28
Serial Peripheral Interface – SPI Bus
The
FM33256B
employs
a
Serial
Peripheral
Interface (SPI) bus. It is specified to operate at
speeds
up
to
16 MHz. This high-speed serial bus provides high
performance
serial
communication
to
a
host
microcontroller. Many common microcontrollers
have hardware SPI ports allowing a direct interface.
It is quite simple to emulate the port using ordinary
port pins for microcontrollers that do not. The
FM33256B device operate in SPI Mode 0 and 3.
the bus master, the FM33256B will begin monitoring
the clock and data lines. The relationship between
the falling edge of /CS, the clock and data is dictated
by the SPI mode. The device will make a
determination of the SPI mode on the falling edge of
each chip select. While there are four such modes,
the FM33256B supports only modes 0 and 3. Figure
15 shows the required signal relationships for modes
0 and 3. For both modes, data is clocked into the
FM33256B on the rising edge of SCK and data is
expected on the first rising edge after /CS goes
active. If the clock starts from a high state, it will fall
prior to the first data transfer in order to create the
first rising edge.
The SPI interface uses a total of four pins: clock,
data-in, data-out, and chip select. A typical system
configuration uses an FM33256B and a standalone
SPI device with a microcontroller that has a
dedicated SPI port, as Figure 13 illustrates. Note that
the clock, data-in, and data-out pins are common
among all devices. The /CS pins must be driven
separately for the FM33256B and each additional
SPI device.
FM33256B
MOSI: Master Out, Slave In
MISO: Master In, Slave Out
SS: Slave Select
SO SI SCK
CS
FM25W256
SO SI SCK
CS
SPI
Microcontroller
SS1
SS2
MISO
MOSI
SCK
Figure 13. System Configuration with SPI port
For a microcontroller that has no dedicated SPI bus,
a general purpose port may be used. To reduce
hardware resources on the controller, it is possible to
connect the two data pins together. Figure 14 shows
a configuration that uses only three pins.
Microcontroller
FM33256B
SO
SI
SCK
CS
Figure 14. System Configuration without SPI port
Protocol Overview
The SPI interface is a synchronous serial interface
using clock and data pins. It is intended to support
multiple devices on the bus. Each device is activated
using a chip select. Once chip select is activated by
SPI Mode 0: CPOL=0, CPHA=0
0
1
6
7
SPI Mode 3: CPOL=1, CPHA=1
0
1
6
7
Figure 15. SPI Modes 0 & 3
The SPI protocol is controlled by op-codes. These
op-codes specify the commands to the device. After
/CS is activated the first byte transferred from the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com